Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2902829 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2902829
Description  Signal conditioner - MINI MCR-SL-UI-I-LP-NC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2902829 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2902829 Datasheet HTML 1Page - PHOENIX CONTACT 2902829 Datasheet HTML 2Page - PHOENIX CONTACT 2902829 Datasheet HTML 3Page - PHOENIX CONTACT 2902829 Datasheet HTML 4Page - PHOENIX CONTACT 2902829 Datasheet HTML 5Page - PHOENIX CONTACT 2902829 Datasheet HTML 6Page - PHOENIX CONTACT 2902829 Datasheet HTML 7Page - PHOENIX CONTACT 2902829 Datasheet HTML 8Page - PHOENIX CONTACT 2902829 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
https://www.phoenixcontact.com/us/products/2902829
12/21/2015   Page 1 / 9
Signal conditioner - MINI MCR-SL-UI-I-LP-NC - 2902829
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
2-way loop-powered isolating amplifier (supplied on the output side), can be configured via DIP switches, with
screw connection technology and standard configuration.
Product Description
The 6.2 mm wide MINI MCR-SL-UI-I-LP... configurable 2-way isolating amplifier is used to electrically isolate, condition, and filter analog signals.
The output loops that supply the loop-powered isolating amplifier enable the isolating amplifier to operate on an active analog input module. The
modules are supplied via the current loop of the controller.
On the input side, standard analog signals and non-standard analog signals can be connected, starting from 2 mA or 50 mV up to 40 mA or 30 V. These
are converted to a 4...20 mA signal.
The DIP switches accessible on the housing side enable the configuration of input signal ranges.  
 
 
 
 
Key Commercial Data
Packing unit
1 pc
Weight per Piece (excluding packing)
86.8 g
Custom tariff number
85437090
Country of origin
Germany
Technical data
Note
Utilization restriction
EMC: class A product, see manufacturer's declaration in the download
area
Dimensions
Width
6.2 mm
Height
93.1 mm
Depth
102.5 mm
Ambient conditions
Ambient temperature (operation)
-25 °C ... 70 °C


Similar Part No. - 2902829

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2902822 PHOENIX-2902822 Datasheet
218Kb / 9P
MINI MCR-SL-CVS-24-5-10-NC
2902823 PHOENIX-2902823 Datasheet
218Kb / 9P
Constant voltage source
2902823 PHOENIX-2902823 Datasheet
218Kb / 9P
MINI MCR-SL-CVS-24-5-10-NC
2902828 PHOENIX-2902828 Datasheet
50Kb / 1P
Configuration memory - RAD-MEMORY
More results

Similar Description - 2902829

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2864406 PHOENIX-2864406 Datasheet
99Kb / 5P
Signal conditioner - MINI MCR-SL-I-I
2864723 PHOENIX-2864723 Datasheet
92Kb / 5P
Signal conditioner - MINI MCR-SL-I-I-SP
2902026 PHOENIX-2902026 Datasheet
99Kb / 6P
Signal conditioner - MINI MCR-2-UNI-UI-UIRO
2902040 PHOENIX-2902040 Datasheet
98Kb / 6P
Signal conditioner - MINI MCR-2-UI-UI-PT
2811297 PHOENIX-2811297 Datasheet
347Kb / 14P
Signal conditioner - MACX MCR-UI-UI-UP-NC
02/04/2022
2811446 PHOENIX-2811446 Datasheet
287Kb / 14P
Signal conditioner - MACX MCR-UI-UI-NC
02/04/2022
2810780 PHOENIX-2810780 Datasheet
157Kb / 11P
Signal conditioner - MINI MCR-SL-SHUNT-UI-NC
09/12/2020
2810939 PHOENIX-2810939 Datasheet
102Kb / 6P
Signal conditioner - MCR-C-UI-UI-DCI-NC
09/12/2020
2814867 PHOENIX-2814867 Datasheet
100Kb / 5P
Signal conditioner - MCR-FL-C-UI-2UI-DCI-NC
09/12/2020
2902830 PHOENIX-2902830 Datasheet
79Kb / 8P
Signal conditioner - MINI MCR-SL-UI-I-LP-SP-NC
09/12/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com