Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBAS40BST5G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LBAS40BST5G
Description  Schottky barrier diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBAS40BST5G Datasheet(HTML) 2 Page - Leshan Radio Company

  LBAS40BST5G Datasheet HTML 1Page - Leshan Radio Company LBAS40BST5G Datasheet HTML 2Page - Leshan Radio Company LBAS40BST5G Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LBAS40BST5G,S-LBAS40BST5G
Schottky barrier diode
6.ELECTRICAL CHARACTERISTICS CURVES
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
10
20
30
40
VR,Reverse Voltage (V)
f=1MHz
Ta=25
℃
1.00E-09
1.00E-08
1.00E-07
1.00E-06
1.00E-05
1.00E-04
1.00E-03
0
10
20
30
40
VR,Reverse Voltage(V)
-55
℃
125
℃
25
℃
85
℃
0.0001
0.001
0.01
0.1
0
0.5
1
VF,Forward Voltage(V)
-55
℃
125
℃
25
℃
85
℃
IR vs. VR
Capacitance
IF vs. VF
Leshan Radio Company, LTD.
Rev.C Jun. 2018
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com