Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VHCT240AMTC Datasheet(PDF) 5 Page - ON Semiconductor

Part # 74VHCT240AMTC
Description  Octal Buffer/Line Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74VHCT240AMTC Datasheet(HTML) 5 Page - ON Semiconductor

  74VHCT240AMTC Datasheet HTML 1Page - ON Semiconductor 74VHCT240AMTC Datasheet HTML 2Page - ON Semiconductor 74VHCT240AMTC Datasheet HTML 3Page - ON Semiconductor 74VHCT240AMTC Datasheet HTML 4Page - ON Semiconductor 74VHCT240AMTC Datasheet HTML 5Page - ON Semiconductor 74VHCT240AMTC Datasheet HTML 6Page - ON Semiconductor 74VHCT240AMTC Datasheet HTML 7Page - ON Semiconductor 74VHCT240AMTC Datasheet HTML 8Page - ON Semiconductor 74VHCT240AMTC Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
©1997 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHCT240A Rev. 1.3
4
DC Electrical Characteristics
Noise Characteristics
Note:
6. Parameter guaranteed by design.
Symbol
Parameter
V CC (V)
Conditions
TA = 25°C
TA = –40°C
to +85°C
Units
Min.
Typ.
Max.
Min.
Max.
VIH
HIGH Level Input
Voltage
4.5
2.0
2.0
V
5.5
2.0
2.0
VIL
LOW Level Input
Voltage
4.5
0.8
0.8
V
5.5
0.8
0.8
VOH
HIGH Level Output
Voltage
4.5
VIN = VIH
or VIL
IOH = –50µA
4.40
4.50
4.40
V
IOH = –8mA
3.94
3.80
VOL
LOW Level Output
Voltage
4.5
V IN = VIH
or VIL
IOL = 50µA
0.0
0.1
0.1
V
IOL = 8mA
0.36
0.44
IOZ
3-STATE Output
Off-State Current
5.5
VIN = VIH or VIL,
VOUT = VCC or GND
±0.25
±2.5
µA
IIN
Input Leakage
Current
0–5.5
VIN = 5.5V or GND
±0.1
±1.0
µA
ICC
Quiescent Supply
Current
5.5
VIN = VCC or GND
4.0
40.0
µA
ICCT
Maximum ICC /Input
5.5
VIN = 3.4V, Other
Input = VCC or GND
1.35
1.50
mA
IOFF
Output Leakage
Current (Power
Down State)
0.0
VOUT = 5.5V
0.5
5.0
µA
Symbol
Parameter
V CC (V)
Conditions
TA = 25°C
Units
Typ.
Limits
VOLP
(6)
Quiet Output Maximum
Dynamic VOL
5.0
CL = 50pF
0.9
1.1
V
VOLV
(6)
Quiet Output Minimum
Dynamic VOL
5.0
CL = 50pF
–0.9
–1.1
V
VIHD
(6)
Minimum HIGH Level
Dynamic Input Voltage
5.0
CL = 50pF
2.0
V
VILD
(6)
Maximum LOW Level
Dynamic Input Voltage
5.0
CL = 50pF
0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com