Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VHCT541AMTC Datasheet(PDF) 2 Page - ON Semiconductor

Part # 74VHCT541AMTC
Description  Octal Buffer/Line Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74VHCT541AMTC Datasheet(HTML) 2 Page - ON Semiconductor

  74VHCT541AMTC Datasheet HTML 1Page - ON Semiconductor 74VHCT541AMTC Datasheet HTML 2Page - ON Semiconductor 74VHCT541AMTC Datasheet HTML 3Page - ON Semiconductor 74VHCT541AMTC Datasheet HTML 4Page - ON Semiconductor 74VHCT541AMTC Datasheet HTML 5Page - ON Semiconductor 74VHCT541AMTC Datasheet HTML 6Page - ON Semiconductor 74VHCT541AMTC Datasheet HTML 7Page - ON Semiconductor 74VHCT541AMTC Datasheet HTML 8Page - ON Semiconductor 74VHCT541AMTC Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
© 2005 Fairchild Semiconductor Corporation
DS500013
www.fairchildsemi.com
June 1997
Revised April 2005
74VHCT541A
Octal Buffer/Line Driver with 3-STATE Outputs
General Description
The VHCT541A is an advanced high-speed CMOS device
fabricated with silicon gate CMOS technology. It achieves
the high-speed operation similar to equivalent Bipolar
Schottky TTL while maintaining the CMOS low power dissi-
pation.
The VHCT541A is an octal buffer/line driver designed to be
employed as memory and address drivers, clock drivers
and bus oriented transmitter/receivers.
This device is similar in function to the VHCT244A while
providing flow-through architecture (inputs on opposite side
from outputs). This pinout arrangement makes this device
especially useful as an output port for microprocessors,
allowing ease of layout and greater PC board density.
Protection circuits ensure that 0V to 7V can be applied to
the input and output (Note 1) pins without regard to the
supply voltage. This device can be used to interface 3V to
5V systems and two supply systems such as battery
backup. This circuit prevents device destruction due to mis-
matched supply and input voltages.
Note 1: Outputs in OFF-state.
Features
■ High Speed: tPD 5.5 ns (typ) at VCC 5V
■ Low power dissipation: ICC 4 PA (max) at TA 25qC
■ Power down protection is provided on all inputs and
outputs
■ Pin and function compatible with 74HCT541
Ordering Code:
Surface mount packages are also available on Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Pb-Free package per JEDEC J-STD-020B.
Logic Symbol
IEEE/IEC
Pin Descriptions
Connection Diagram
Truth Table
H
HIGH Voltage Level
L
LOW Voltage Level
X
Immaterial
Z
High Impedance
Order Number
Package Number
Package Description
74VHCT541AM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74VHCT541ASJ
M20D
Pb-Free 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74VHCT541AMTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74VHCT541AN
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Pin Names
Description
OE1, OE2
3-STATE Output Enable Inputs
I0 - I7
Inputs
O0 - O7
3-STATE Outputs
Inputs
Outputs
OE1
OE2
I
LL
H
H
HX
X
Z
XH
X
Z
LLL
L



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com