Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM74HCT240 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MM74HCT240
Description  Inverting Octal 3-STATE Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MM74HCT240 Datasheet(HTML) 4 Page - ON Semiconductor

  MM74HCT240 Datasheet HTML 1Page - ON Semiconductor MM74HCT240 Datasheet HTML 2Page - ON Semiconductor MM74HCT240 Datasheet HTML 3Page - ON Semiconductor MM74HCT240 Datasheet HTML 4Page - ON Semiconductor MM74HCT240 Datasheet HTML 5Page - ON Semiconductor MM74HCT240 Datasheet HTML 6Page - ON Semiconductor MM74HCT240 Datasheet HTML 7Page - ON Semiconductor MM74HCT240 Datasheet HTML 8Page - ON Semiconductor MM74HCT240 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
(Note 2)
Recommended Operating
Conditions
Note 1: Absolute Maximum Ratings are those values beyond which dam-
age to the device may occur.
Note 2: Unless otherwise specified all voltages are referenced to ground.
Note 3: Power Dissipation temperature derating — plastic “N” package:

12 mW/
qC from 65qC to 85qC.
DC Electrical Characteristics
VCC 5V r10% (unless otherwise specified)
Note 4: Measured per input. All other inputs at VCC or GND.
Supply Voltage (VCC)
0.5 to 7.0V
DC Input Voltage (VIN)
1.5 to VCC 1.5V
DC Output Voltage (VOUT)
0.5 to VCC 0.5V
Clamp Diode Current (IIK, IOK)
r20 mA
DC Output Current, per pin (IOUT)
r35 mA
DC VCC or GND Current, per pin (ICC)
r70 mA
Storage Temperature Range (TSTG)
65qC to 150qC
Power Dissipation (PD)
(Note 3)
600 mW
S.O. Package only
500 mW
Lead Temperature (TL)
(Soldering 10 seconds)
260
qC
Min
Max
Units
Supply Voltage (VCC)4.5
5.5
V
DC Input or Output Voltage
0
VCC
V
(VIN, VOUT)
Operating Temperature Range (TA)
40
85
qC
Input Rise or Fall Times
(tr, tf)
500
ns
Symbol
Parameter
Conditions
TA 25qCTA 40 to 85qCTA 55q to 125qC
Units
Typ
Guaranteed Limits
VIH
Minimum HIGH Level
2.0
2.0
2.0
V
Input Voltage
VIL
Maximum LOW Level
0.8
0.8
0.8
V
Input Voltage
VOH
Minimum HIGH Level
VIN-EE VIH or VIL
Output Voltage
|IOUT| 20 PAVCC
VCC0.1
VCC0.1
VCC0.1
V
|IOUT| 6.0 mA, VCC 4.5V
4.2
3.98
3.84
3.7
V
|IOUT| 7.2 mA, VCC 5.5V
5.2
4.98
4.84
4.7
V
VOL
Maximum LOW Level
VIN VIH or VIL
Voltage
|IOUT| 20 PA
0
0.1
0.1
0.1
V
|IOUT| 6.0 mA, VCC 4.5V
0.2
0.26
0.33
0.4
V
|IOUT| 7.2 mA, VCC 5.5V
0.2
0.26
0.33
0.4
V
IIN
Maximum Input
VIN VCC or GND,
r0.05
r0.5
r1.0
PA
Current
VIH or VIL
IOZ
Maximum 3-STATE
VOUT VCC or GND
r0.25
r2.5
r10
PA
Output Leakage
G
VIH
Current
G
VIL
ICC
Maximum Quiescent
VIN VCC or GND
4.0
40
160
PA
Supply Current
IOUT 0 PA
VIN 2.4V or 0.5V (Note 4)
0.6
1.0
1.3
1.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com