Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM74HCT240WM Datasheet(PDF) 2 Page - ON Semiconductor

Part # MM74HCT240WM
Description  Inverting Octal 3-STATE Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MM74HCT240WM Datasheet(HTML) 2 Page - ON Semiconductor

  MM74HCT240WM Datasheet HTML 1Page - ON Semiconductor MM74HCT240WM Datasheet HTML 2Page - ON Semiconductor MM74HCT240WM Datasheet HTML 3Page - ON Semiconductor MM74HCT240WM Datasheet HTML 4Page - ON Semiconductor MM74HCT240WM Datasheet HTML 5Page - ON Semiconductor MM74HCT240WM Datasheet HTML 6Page - ON Semiconductor MM74HCT240WM Datasheet HTML 7Page - ON Semiconductor MM74HCT240WM Datasheet HTML 8Page - ON Semiconductor MM74HCT240WM Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
© 2005 Fairchild Semiconductor Corporation
DS005365
www.fairchildsemi.com
February 1984
Revised May 2005
MM74HCT240 • MM74HCT244
Inverting Octal 3-STATE Buffer • Octal 3-STATE Buffer
General Description
The MM74HCT240 and MM74HCT244 3-STATE buffers
utilize advanced silicon-gate CMOS technology and are
general purpose high speed inverting and non-inverting
buffers. They possess high drive current outputs which
enable high speed operation even when driving large bus
capacitances. These circuits achieve speeds comparable
to low power Schottky devices, while retaining the low
power consumption of CMOS. All three devices are TTL
input compatible and have a fanout of 15 LS-TTL equiva-
lent inputs.
MM74HCT devices are intended to interface between TTL
and NMOS components and standard CMOS devices.
These parts are also plug-in replacements for LS-TTL
devices and can be used to reduce power consumption in
existing designs.
The
MM74HCT240
is
an
inverting
buffer
and
the
MM74HCT244 is a non-inverting buffer. Each device has
two active low enables (1G and 2G), and each enable inde-
pendently controls 4 buffers.
All inputs are protected from damage due to static dis-
charge by diodes to VCC and Ground.
Features
■ TTL input compatible
■ Typical propagation delay: 14 ns
■ 3-STATE outputs for connection to system buses
■ Low quiescent current: 80
PA
■ High output drive current: 6 mA (min)
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagrams
Pin Assignments for DIP, SOIC, SOP and TSSOP
Top View
MM74HCT240
Top View
MM74HCT244
Order Number
Package Number
Package Description
MM74HCT240WM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
MM74HCT240SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
MM74HCT240MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
MM74HCT240N
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
MM74HCT244WM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
MM74HCT244SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
MM74HCT244MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
MM74HCT244N
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com