Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM74HCT240MTC Datasheet(PDF) 5 Page - ON Semiconductor

Part # MM74HCT240MTC
Description  Inverting Octal 3-STATE Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MM74HCT240MTC Datasheet(HTML) 5 Page - ON Semiconductor

  MM74HCT240MTC Datasheet HTML 1Page - ON Semiconductor MM74HCT240MTC Datasheet HTML 2Page - ON Semiconductor MM74HCT240MTC Datasheet HTML 3Page - ON Semiconductor MM74HCT240MTC Datasheet HTML 4Page - ON Semiconductor MM74HCT240MTC Datasheet HTML 5Page - ON Semiconductor MM74HCT240MTC Datasheet HTML 6Page - ON Semiconductor MM74HCT240MTC Datasheet HTML 7Page - ON Semiconductor MM74HCT240MTC Datasheet HTML 8Page - ON Semiconductor MM74HCT240MTC Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
MM74HCT240, MM74HCT244 VCC
5.0V, tr tf 6 ns, TA 25qC (unless otherwise specified)
AC Electrical Characteristics
MM74HCT240, MM74HCT244 VCC
5.0V
r 10%, tr tf 6 ns (unless otherwise specified)
Note 5: CPD determines the no load dynamic power consumption, PD CPD VCC2 f  ICC VCC, and the no load dynamic current consumption,
IS CPD VCC f  ICC.
Symbol
Parameter
Conditions
Typ
Guaranteed
Units
Limits
tPHL, tPLH
Maximum Output
CL 45 pF
14
18
ns
Propagation Delay
tPZL, tPZH
Maximum Output
CL 45 pF
20
30
ns
Enable Time
RL 1 k:
tPLZ, tPHZ
Maximum Output
CL 5 pF
16
25
ns
Disable Time
RL 1 k:
Symbol
Parameter
Conditions
TA 25qCTA 40 to 85qCTA 55q to 125qC
Units
Typ
Guaranteed Limits
tPHL, tPLH Maximum Output
CL 50 pF
14
20
25
30
ns
Propagation Delay
CL 150 pF
20
28
35
42
ns
tPZH, tPZL
Maximum Output
RL 1 k:
CL 50 pF
21
30
38
45
ns
Enable Time
CL 150 pF
26
42
53
63
ns
tPHZ, tPLZ
Maximum Output
RL 1 k:
16
25
32
38
ns
Disable Time
CL 50 pF
tTHL, tTLH
Maximum Output
CL 50 pF
6
12
15
18
ns
Rise and Fall Time
CIN
Maximum Input
10
15
15
15
pF
Capacitance
COUT
Maximum Output
15
20
20
20
pF
Capacitance
CPD
Power Dissipation
(per buffer)
Capacitance (Note 5)
G
VCC, G GND
5
pF
G
GND, G
VCC
90
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com