Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1087 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS1087
Description  Vacuum Fluorescent Display Tube Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS1087 Datasheet(HTML) 4 Page - ON Semiconductor

  CS1087 Datasheet HTML 1Page - ON Semiconductor CS1087 Datasheet HTML 2Page - ON Semiconductor CS1087 Datasheet HTML 3Page - ON Semiconductor CS1087 Datasheet HTML 4Page - ON Semiconductor CS1087 Datasheet HTML 5Page - ON Semiconductor CS1087 Datasheet HTML 6Page - ON Semiconductor CS1087 Datasheet HTML 7Page - ON Semiconductor CS1087 Datasheet HTML 8Page - ON Semiconductor CS1087 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CS1087
http://onsemi.com
4
PACKAGE LEAD DESCRIPTION
Package Lead Number
Lead Symbol
40L DIP
44L PLCC
SO–28L
(29 Anode Configuration)
Function
1
14
1
GRID1
50 mA grid output.
2
15
2
GRID2
50 mA grid output.
3
16
3
GRID3
50 mA grid output.
4
17
–
AN1
2.0 mA anode output.
5
18
4
AN2
2.0 mA anode output.
6
19
5
AN3
2.0 mA anode output.
7
20
6
AN4
2.0 mA anode output.
8
21
–
AN5
2.0 mA anode output.
9
22
7
AN6
2.0 mA anode output.
10
24
–
AN7
2.0 mA anode output.
11
25
–
AN8
2.0 mA anode output.
12
26
8
AN9
2.0 mA anode output.
13
27
–
AN10
2.0 mA anode output.
14
28
9
AN11
2.0 mA anode output.
15
29
10
AN12
2.0 mA anode output.
16
30
11
AN13
2.0 mA anode output.
17
31
12
AN14
2.0 mA anode output.
18
32
13
AN15
2.0 mA anode output.
19
33
–
AN16
2.0 mA anode output.
20
35
14
GND
Ground connection.
21
36
15
AN17
2.0 mA anode output.
22
37
–
AN18
2.0 mA anode output.
23
38
16
AN19
2.0 mA anode output.
24
39
17
AN20
2.0 mA anode output.
25
40
18
AN21
2.0 mA anode output.
26
41
19
AN22
2.0 mA anode output.
27
42
–
AN23
2.0 mA anode output.
28
43
20
AN24
20 mA anode output.
29
44
21
AN25
20 mA anode output.
30
2
22
AN26
20 mA anode output.
31
3
–
AN27
20 mA anode output.
32
4
–
AN28
20 mA anode output.
33
5
–
AN29
20 mA anode output.
34
6
23
DOUT
Shift register data output.
35
7
24
DIN
Shift register data input.
36
8
25
CLK
Shift register clock input.
37
9
26
STB
Transfer contents of shift registers to output stages.
38
10
27
GREN
Grid outputs enable.
39
1, 11, 12, 23, 34
–
NC
No connection.
40
13
28
VBB
Supply voltage input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com