Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1089 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS1089
Description  Vacuum Fluorescent Display Tube Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS1089 Datasheet(HTML) 2 Page - ON Semiconductor

  CS1089 Datasheet HTML 1Page - ON Semiconductor CS1089 Datasheet HTML 2Page - ON Semiconductor CS1089 Datasheet HTML 3Page - ON Semiconductor CS1089 Datasheet HTML 4Page - ON Semiconductor CS1089 Datasheet HTML 5Page - ON Semiconductor CS1089 Datasheet HTML 6Page - ON Semiconductor CS1089 Datasheet HTML 7Page - ON Semiconductor CS1089 Datasheet HTML 8Page - ON Semiconductor CS1089 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CS1089
http://onsemi.com
2
MAXIMUM RATINGS*
Parameter
Value
Unit
Supply Voltage (VBB)
–0.6 to +18
V
Input Voltages (DIN, CLK, STB, GREN)
–0.6 to +6.0
V
Junction Temperature Range
–40 to +150
°C
Storage Temperature Range
–55 to +150
°C
ESD Susceptibility (Human Body Model)
2.0
kV
ESD Susceptibility (Machine Model)
200
V
Package Thermal Resistance, DIP–40
Junction–to–Case, RθJC
Junction–to–Ambient, RθJA
20
45
°C/W
°C/W
Package Thermal Resistance, PLCC–44
Junction–to–Case, RθJC
Junction–to–Ambient, RθJA
16
55
°C/W
°C/W
Lead Temperature Soldering:
Wave Solder (through hole styles only) Note 1
Reflow (SMD styles only) Note 2
260 Peak
230 Peak
°C
1. 10 second maximum.
2. 60 second maximum above 183
°C.
*The maximum package power dissipation must be observed.
ELECTRICAL CHARACTERISTICS (8.0 V
≤ VBB ≤ 16.5 V, Gnd = 0 V, –40°C ≤ TJ ≤ 105°C; unless otherwise stated. Note 3.)
Parameter
Test Conditions
Min
Typ
Max
Unit
VBB Input
VBB Input Voltage
–
8.0
–
16.5
V
IBB0 Current
No outputs active, VBB = 16.5 V
–
2.0
5.0
mA
Reset Mode
All outputs forced low.
–
6.5
7.5
V
DIN, CLK, STB Inputs
VIL1, Input Low Voltage
–
–
–
1.6
V
VIH, Input High Voltage
–
3.3
–
–
V
IIL, Input Current
VIN = VIH
–
7.5
20.0
µA
GREN Input
VIL, Input Low Voltage
–
–
–
1.6
V
VIH, Input High Voltage
–
3.3
–
–
V
IIH, Input Pull–down Current
VIN = 3.325 V
–
30
60
µA
GRID1, GRID2, GRID3 Outputs
IOL
Sink Current
1.0
–
–
mA
IOH
Source Current
50
–
–
mA
VOL
IOUT = 1.0 mA
–
–
0.5
V
VOH
IOUT = –50 mA, VBB = 12 V
VBB – 0.75
–
VBB
V
AN24 – AN29 Outputs
IOL
Sink Current
400
–
–
µA
IOH
Source Current
20
–
–
mA
VOL
IOUT = 400 µA
–
–
0.5
V
VOH
IOUT = –20 mA
VBB – 0.5
–
VBB
V
3. Designed to meet these characteristics over the stated voltage and temperature ranges, though may not be 100% parametrically tested
in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com