Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1087XFN44 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS1087XFN44
Description  Vacuum Fluorescent Display Tube Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS1087XFN44 Datasheet(HTML) 3 Page - ON Semiconductor

  CS1087XFN44 Datasheet HTML 1Page - ON Semiconductor CS1087XFN44 Datasheet HTML 2Page - ON Semiconductor CS1087XFN44 Datasheet HTML 3Page - ON Semiconductor CS1087XFN44 Datasheet HTML 4Page - ON Semiconductor CS1087XFN44 Datasheet HTML 5Page - ON Semiconductor CS1087XFN44 Datasheet HTML 6Page - ON Semiconductor CS1087XFN44 Datasheet HTML 7Page - ON Semiconductor CS1087XFN44 Datasheet HTML 8Page - ON Semiconductor CS1087XFN44 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CS1087
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (continued) (8.0 V
≤ VBB ≤ 16.5 V, Gnd = 0 V, –40°C ≤ TJ ≤ 105°C; unless otherwise stated.
Note 4.)
Parameter
Test Conditions
Min
Typ
Max
Unit
AN24 – AN29 Outputs
IOL
Sink Current
400
–
–
µA
IOH
Source Current
20
–
–
mA
VOL
IOUT = 400 µA
–
–
0.5
V
VOH
IOUT = –20 mA, VBB = 12 V
VBB – 0.5
–
VBB
V
AN1 – AN23 Outputs
IOL
Sink Current
100
–
–
µA
IOH
Source Current
2.0
–
–
mA
VOL
IOUT = 100 µA
–
–
0.5
V
VOH
IOUT = –2.0 mA, VBB = 12 V
VBB – 0.5
–
VBB
V
DOUT Output
IOL
Sink Current
1.0
–
–
mA
IOH
Source Current
1.0
–
–
mA
VOL
IOUT = 1.0 mA
–
–
0.5
V
VOH
IOUT = –1.0 mA
3.9
–
5.1
V
AC Characteristics: Input and Output Timing
FC, CLK Frequency
–
0
–
1.0
MHz
TCL, CLK Low Time
–
200
–
–
ns
TCH, CLK High Time
–
200
–
–
ns
TCR, CLK Rise Time
–
–
–
100
ns
TCF, CLK Fall Time
–
–
–
100
ns
TCD, CLK Low to DOUT
Propagation Delay
–
–
–
200
ns
TSC, STB Low to CLK High Time
–
50
–
–
ns
TST, STB High Time
–
500
–
–
ns
TAN, STB High to Anode Output
Propagation Delay
–
–
–
5.0
µs
TGL, Grid Turn On Propagation Delay
VBB = 12 V
–
–
2.0
µs
TG0, Grid Turn Off Propagation Delay
VBB = 12 V
–
–
5.0
µs
TGR, Grid Rise Time
At rated load. Note 5.
0.50
–
2.00
µs
TGF, Grid Fall Time
At rated load. Note 5.
0.35
–
2.00
µs
TAR, Anode Rise Time
At rated load. Note 5.
0.40
–
2.00
µs
TAF, Anode Fall Time
At rated load. Note 5.
0.40
–
2.50
µs
4. Designed to meet these characteristics over the stated voltage and temperature ranges, though may not be 100% parametrically tested
in production.
5. Grid and anode rise/fall times are measured from 10% and 90% points. Output currents are at the maximum rated currents for the
respective stages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com