Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32D Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # 32D
Description  METAL OXIDE VARISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

32D Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  32D Datasheet HTML 1Page - SUNMATE electronic Co., LTD 32D Datasheet HTML 2Page - SUNMATE electronic Co., LTD 32D Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics
Type Number
Varistor Voltage
Max. Allowable Voltage
Max. Energy
(10/1000
μs)
Max. Clamping
Voltage
(8/20
μs)
Max.
Peak Current
(8/20
μs)
Typical
Capacitance
(Reference)
V1mA(V)
VAC(V)
VDC(V)
(J)
IP(A)
VC(V)
I(A)
@1KHz(pf)
Wave Lead Free Soldering Recommendation
Item
Conditions
Peak Temperature
265
ºC
Dipping Time
10 seconds (max.)
Soldering
1 time
Recommendation Reworking Conditions with Soldering Iron
Item
Conditions
Temperature of Soldering Iron-tip
360
ºC (max.)
Soldering Time
3 seconds (max.)
Distance from Varistor
2mm (min.)
Time(minutes)
0
0.5
1
1.5
2
2.5
3
3.5
4
300
250
200
150
100
50
0
Preheating
Maximum Wave 265
°C
Soldering
Cooling
185~225
216~264
243~297
270~330
297~363
324~396
351~429
387~473
423~517
459~561
558~682
612~748
675~825
702~858
738~902
819~1001
855~1045
900~1100
990~1210
1080~1320
130
150
175
190
210
230
250
275
300
320
385
420
460
485
510
550
575
625
680
750
170
200
225
250
275
300
320
350
385
415
505
560
615
640
670
745
765
825
895
990
250
290
300
330
360
380
400
430
460
510
570
600
620
660
700
750
780
810
910
960
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
340
395
455
500
550
595
650
710
775
845
1025
1120
1240
1290
1355
1500
1570
1650
1815
1980
30000
30000
30000
30000
30000
30000
30000
30000
30000
30000
30000
30000
30000
30000
30000
30000
30000
30000
30000
30000
5200
5100
4800
4500
4300
3900
3200
3100
2800
2700
2400
2200
2000
1900
1800
1300
1200
1100
1000
920
5200
5100
4800
4500
4300
3900
3200
3100
2800
2700
2400
2200
2000
1900
1800
1300
1200
1100
1000
920
32D201K
32D241K
32D271K
32D301K
32D331K
32D361K
32D391K
32D431K
32D471K
32D511K
32D621K
32D681K
32D751K
32D781K
32D821K
32D911K
32D951K
32D102K
32D112K
32D122K



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com