Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

40D301K Datasheet(PDF) 3 Page - SUNMATE electronic Co., LTD

Part # 40D301K
Description  METAL OXIDE VARISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

40D301K Datasheet(HTML) 3 Page - SUNMATE electronic Co., LTD

  40D301K Datasheet HTML 1Page - SUNMATE electronic Co., LTD 40D301K Datasheet HTML 2Page - SUNMATE electronic Co., LTD 40D301K Datasheet HTML 3Page - SUNMATE electronic Co., LTD 40D301K Datasheet HTML 4Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Item
Conditions
Peak Temperature
265ºC
Dipping Time
10 seconds (max.)
Soldering
1 time
Item
Conditions
Temperature of Soldering Iron-tip
360ºC (max.)
Soldering Time
3 seconds (max.)
Distance from Varistor
2mm (min.)
Soldering Recommendation
Recommendation Reworking Conditions with Soldering Iron
Wave Lead Free Soldering Recommendation



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com