Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM06 Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # SM06
Description  POSITIVE THERMAL COEFFICIENT(PTC)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SM06 Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  SM06 Datasheet HTML 1Page - SUNMATE electronic Co., LTD SM06 Datasheet HTML 2Page - SUNMATE electronic Co., LTD SM06 Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristic
Ihold
(A)
IT
(A)
Vmax
(V)
Max. Time to Trip
Imax
(A)
Pd typ
(W)
Resistance(
Ω)
Current(A)
Time(S)
Rimin
R1max
0.30
0.6
6
1.50
1.0
40
0.3
0.30
0.80
0.50
1.0
6
2.50
1.1
40
0.4
0.20
0.76
0.75
1.5
6
3.75
6.0
40
0.3
0.11
0.65
0.90
1.8
6
4.50
1.2
40
0.6
0.07
0.40
1.10
2.2
6
5.50
2.3
40
0.7
0.05
0.36
1.20
2.4
6
6.00
0.5
40
0.6
0.065
0.30
1.35
2.7
6
6.75
4.5
40
0.8
0.04
0.25
1.55
3.2
6
7.75
0.5
40
0.6
0.043
0.21
1.60
3.7
6
8.00
9.0
40
0.9
0.03
0.20
1.85
4.0
6
9.25
10.0
40
1.0
0.03
0.20
2.50
5.0
6
12.50
10.0
40
1.2
0.02
0.15
IH=Hold current: maximum current at which the device will not trip at 25
still air.
℃
IT=Trip current: minimum current at which the device will nalways at 25
still air.
℃
V max=Maximum voltage device can withstand without damage at rated current.
Imax=Maximum fault current device can withstand tithout damage at rated voltage.
T trip=Maximum time to trip(s) at assigned current.
Pd=Typical power dissipation: typical amount of power dissipated by the decice when in state air environment.
Ri min=Minimum device resistance at 25
prior to tripping.
℃
R1 max=Maximum device resistance is measured one hour post reflow.
Solder reflow conditions
Wave Soldering
Soldering Temperature:260
~270
℃℃
Soldering Time:
≤3sec.
Soldering Position: Resettable fuse wire and the bottom ≥ 6mm。
Manual soldering
Soldering Temperature:250℃~280℃
Soldering Time:
≤3sec.
Soldering Position: Resettable fuse wire and the bottom ≥ 6mm。
Time(s)
300
250
200
150
100
50
0
0
50
100
150
200
250
Soldering
245℃-260
Pre-heating
100℃-130℃
Cooling
5s max.
SM06-030
SM06-050
SM06-075
SM06-090
SM06-110
SM06-120
SM06-135
SM06-155
SM06-160
SM06-185
SM06-250
Model



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com