Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5D301K Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # 5D301K
Description  METAL OXIDE VARISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

5D301K Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  5D301K Datasheet HTML 1Page - SUNMATE electronic Co., LTD 5D301K Datasheet HTML 2Page - SUNMATE electronic Co., LTD 5D301K Datasheet HTML 3Page - SUNMATE electronic Co., LTD 5D301K Datasheet HTML 4Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
º
º
º
º
Features
l Wide operating voltage (V1mA) range from 18V to 750V
l Fast responding to transient over-voltage.
l Large absorbing transient energy capability.
l Low clamping ratio and no following-on current.
General Information
l Surge protection in consumer electronics
l Surge protection in industrial electronics
l Relay and electromagnetic valve surge absorption
l Transistor, diode, IC, thyristor or triac semiconductor
protection
l Surge protection in electronic home appliances, gas and
petroleum appliances
General Characteristics
l Body: Nickel Plated
l Devices with No Leads: Nickel Plated
l Operating Temperature: -40 C to +85 C
l Storage Temperature: -40 C to +125 C
l Axial Devices: Tin Plated
Part Number Code
Element Diameter
Type
D:Disk
Nominal Varistor Voltage
471=47*10
1V
Varistor Voltage
Tolerance
K =
±10 %
5
D
7
1
4
K
5D Series
METAL OXIDE VARISTORS


Similar Part No. - 5D301K

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
5D301K WPI-5D301K Datasheet
1Mb / 65P
Metal Oxide Varistors
logo
Shanghai Yint Electroni...
5D301K YINT-5D301K Datasheet
706Kb / 4P
5D Series
More results

Similar Description - 5D301K

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
Metal Oxide Varistors
logo
MDE Semiconductor, Inc.
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
Metal Oxide Varistors
logo
Ruilongyuan Electronics...
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
Metal Oxide Varistors
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
Metal Oxide Varistors
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
METAL OXIDE VARISTORS
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
Metal Oxide Varistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com