Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM75F Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # SM75F
Description  AXIAL LEADED HERMETICALLY SEALED HIGH VOLTAGE FAST RECTIFIER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

SM75F Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  SM75F Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc. SM75F Datasheet HTML 2Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - SM75F

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SM75F SEMTECH-SM75F Datasheet
253Kb / 3P
RECTIFIER UP YO 10kV, 290mA, 300ns
More results

Similar Description - SM75F

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
2PF140 SEMTECH-2PF140 Datasheet
112Kb / 3P
AXIAL LEADED HERMETICALLY SEALED HIGH VOLTAGE FAST RECTIFIER DIODE
1N5415 SEMTECH-1N5415 Datasheet
183Kb / 5P
Axial Leaded Hermetically Sealed Fast Rectifier Diode
PF8 SEMTECH-PF8 Datasheet
93Kb / 3P
Axial Leaded Hermetically Sealed Fast Rectifier Diode
PF20 SEMTECH-PF20_07 Datasheet
116Kb / 4P
Axial Leaded Hermetically Sealed High Voltage Fast Rectifier Diode
PFM50A SEMTECH-PFM50A Datasheet
94Kb / 3P
Axial Leaded Hermetically Sealed High Voltage Fast Rectifier Diode
1N5415 SEMTECH-1N5415_10 Datasheet
135Kb / 5P
Axial Leaded Hermetically Sealed Fast Rectifier Diode
1N6620 SEMTECH-1N6620 Datasheet
37Kb / 3P
Axial Leaded Hermetically Sealed Ultra Fast Recovery Rectifier Diode
logo
New Jersey Semi-Conduct...
F40A NJSEMI-F40A Datasheet
143Kb / 3P
AXIAL LEADED HERMETICALLY SEALED HIGH VOLTAGE FAST RECTIFIER DIODE
SFF30 NJSEMI-SFF30 Datasheet
88Kb / 2P
AXIAL LEADED HERMETICALLY SEALED HIGH VOLTAGE SUPERFAST RECTIFIER DIODE
F15 NJSEMI-F15 Datasheet
74Kb / 2P
AXIAL LEADED HERMETICALLY SEALED HIGH VOLTAGE SUPERFAST RECTIFIER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com