Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE575D Datasheet(PDF) 11 Page - ACE Technology Co., LTD.

Part # ACE575D
Description  36V Low Current Consumption 250mA CMOS Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE575D Datasheet(HTML) 11 Page - ACE Technology Co., LTD.

Back Button ACE575D Datasheet HTML 4Page - ACE Technology Co., LTD. ACE575D Datasheet HTML 5Page - ACE Technology Co., LTD. ACE575D Datasheet HTML 6Page - ACE Technology Co., LTD. ACE575D Datasheet HTML 7Page - ACE Technology Co., LTD. ACE575D Datasheet HTML 8Page - ACE Technology Co., LTD. ACE575D Datasheet HTML 9Page - ACE Technology Co., LTD. ACE575D Datasheet HTML 10Page - ACE Technology Co., LTD. ACE575D Datasheet HTML 11Page - ACE Technology Co., LTD. ACE575D Datasheet HTML 12Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ACE575D
36V Low Current Consumption 250mA CMOS Voltage Regulator
VER 1.1
11
Packing Information
TO-92
Symbol
Dimensions In Millimeters
Dimensions In Inches
Min.
Max.
Min.
Max.
A
3.300
3.700
0.130
0.146
A1
1.100
1.400
0.043
0.055
b
0.380
0.550
0.015
0.022
c
0.360
0.510
0.014
0.020
D
4.400
4.700
0.173
0.185
D1
3.430
0.135
E
4.300
1.400
0.169
0.185
e
1.270 TYP
0.050 TYP
e1
2.440
2.640
0.096
0.104
L
14.100
14.500
0.555
0.571
Ф
1.600
0.063
h
0.000
0.380
0.000
0.015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com