Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8001 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PAM8001
Description  ANTI-SATURATION FILTERLESS 2W CLASS-D STEREO AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8001 Datasheet(HTML) 2 Page - Diodes Incorporated

  PAM8001 Datasheet HTML 1Page - Diodes Incorporated PAM8001 Datasheet HTML 2Page - Diodes Incorporated PAM8001 Datasheet HTML 3Page - Diodes Incorporated PAM8001 Datasheet HTML 4Page - Diodes Incorporated PAM8001 Datasheet HTML 5Page - Diodes Incorporated PAM8001 Datasheet HTML 6Page - Diodes Incorporated PAM8001 Datasheet HTML 7Page - Diodes Incorporated PAM8001 Datasheet HTML 8Page - Diodes Incorporated PAM8001 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
PAM8001
Document number: DSxxxxx Rev. 1 - 0
2 of 17
www.diodes.com
February 2013
© Diodes Incorporated
PAM8001
A Product Line of
Diodes Incorporated
Typical Applications Circuit
Pin Descriptions
Pin Number
Pin
Name
Function
QFN3x3
SSOP
1
4
-OUT_L
Left Channel Negative Output
2
5
PVDDL
Left Channel Power Supply
3
6
MUTE
Mute Control Input (active low)
4
7
VDD
Analog VDD
5
8
INL
Left Channel Input
6
10
VDC
Analog Reference for Gain Control Selection
7
11
VOLUME
DC Volume Control to Set the Gain of Class-D
8
12
ANTI
Anti-Saturation On/Off Control
9
14
VDD/2
Internal Common Mode Voltage, Connect a Bypass Capacitior form This Pin to GND
10
15
VPL
Maximum Output Power Setting Voltage
11
16
VREF
Reference Voltage Out for VPL
12
17
INR
Right Channel Input
13
18
GND
Analog Ground
14
19
SHDN
Shutdown Control Input (active low)
15
20
PVDDR
Right Channel Power Supply
16
21
-OUT_R
Right Channel Negative Output
17
22/23
PGNDR
Right Channel Power GND
18
24
+OUT_R
Right Channel Positive Output
19
1
+OUT_L
Left Channel Positive Output
20
2/3
PGNDL
Left Channel Power GND
9/13
NC
No Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com