Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8007 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PAM8007
Description  FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8007 Datasheet(HTML) 2 Page - Diodes Incorporated

  PAM8007 Datasheet HTML 1Page - Diodes Incorporated PAM8007 Datasheet HTML 2Page - Diodes Incorporated PAM8007 Datasheet HTML 3Page - Diodes Incorporated PAM8007 Datasheet HTML 4Page - Diodes Incorporated PAM8007 Datasheet HTML 5Page - Diodes Incorporated PAM8007 Datasheet HTML 6Page - Diodes Incorporated PAM8007 Datasheet HTML 7Page - Diodes Incorporated PAM8007 Datasheet HTML 8Page - Diodes Incorporated PAM8007 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
PAM8007
Document number: DSxxxxx Rev. 1 - 2
2 of 17
www.diodes.com
October 2012
© Diodes Incorporated
PAM8007
A Product Line of
Diodes Incorporated
Typical Applications Circuit
Pin Descriptions
Pin
Number
Pin
Name
Function
1
-OUT_L
Left Channel Negative Output
2
PGNDL
Left Channel Power GND
3
PGNDL
Left Channel Power GND
4
+OUT_L
Left Channel Positive Output
5
PVDDL
Left Channel Power Supply
6
MUTE
Mute Control Input (active low)
7
VDD
Analog VDD
8
INL
Left Channel Input
9
EAR INL
Left Earphone Input
10
VDC
Analog Reference for Gain Control Section
11
VOLUME
DC Volume Control to Set the Gain of Class-D
12
EAR OUT L
Left Earphone Output(Non-Inverting)
13
EAR OUT R
Right Earphone Output(Non-Inverting)
14
VREF
Internal Analog Reference, connect a bypass capacitor from VREF to GND
15
LINE/EAR
Line / Earphone Switch. Speaker Output (active low), Earphone Output (active high)
16
EAR LN R
Right Earphone Input
17
INR
Right Channel Input
18
GND
Analog GND
19
SHDN
Shutdown Control Input (active low)
20
PVDDR
Right Channel Power Supply
21
+OUT_R
Right Channel Positive Output
22
PGNDR
Right Channel Power GND
23
PGNDR
Right Channel Power GND
24
-OUT_R
Right Channel Negative Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com