Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8015 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # PAM8015
Description  3W MONO CLASS D AUDIO AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8015 Datasheet(HTML) 8 Page - Diodes Incorporated

  PAM8015 Datasheet HTML 1Page - Diodes Incorporated PAM8015 Datasheet HTML 2Page - Diodes Incorporated PAM8015 Datasheet HTML 3Page - Diodes Incorporated PAM8015 Datasheet HTML 4Page - Diodes Incorporated PAM8015 Datasheet HTML 5Page - Diodes Incorporated PAM8015 Datasheet HTML 6Page - Diodes Incorporated PAM8015 Datasheet HTML 7Page - Diodes Incorporated PAM8015 Datasheet HTML 8Page - Diodes Incorporated PAM8015 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
PAM8013/PAM8015
Document number: DS36979 Rev. 2 - 2
8 of 9
www.diodes.com
May 2014
© Diodes Incorporated
PAM8013/PAM8015
A PRODUCT LINE OF
DIODES INCORPORATED
Marking Information
PAM8013- U-FLGA1515-9
BU
YW
PAM8015- U-FLGA1515-9
BV
YW
Package Outline Dimensions (All dimensions in mm.)
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
U-FLGA1515-9
Dim
Min
Max
Typ
A
0.55
0.65
0.60
A1
0
0.05
0.02
A3
0.13 BSC
b
0.20
0.30
0.25
D
1.45
1.55
1.50
E
1.45
1.55
1.50
e
0.50 BSC
Z
0.125 BSC
All Dimensions in mm
BU: PAM8013 Product Code
Y: Year
W: Week
BV: PAM8015 Product Code
Y: Year
W: Week
P i n # 1 I D
A
A 1
A 3
S e a t i n g P l a n e
D
E
b S Q .
Z
e
R0
.1
e



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com