Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8302A Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PAM8302A
Description  2.5W FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8302A Datasheet(HTML) 2 Page - Diodes Incorporated

  PAM8302A Datasheet HTML 1Page - Diodes Incorporated PAM8302A Datasheet HTML 2Page - Diodes Incorporated PAM8302A Datasheet HTML 3Page - Diodes Incorporated PAM8302A Datasheet HTML 4Page - Diodes Incorporated PAM8302A Datasheet HTML 5Page - Diodes Incorporated PAM8302A Datasheet HTML 6Page - Diodes Incorporated PAM8302A Datasheet HTML 7Page - Diodes Incorporated PAM8302A Datasheet HTML 8Page - Diodes Incorporated PAM8302A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
PAM8302A
Typical Applications Circuit
Functional Block Diagram
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
These are stress ratings only and functional operation is not implied. Exposure to absolute maximum ratings for prolonged time periods may affect
device reliability. All voltages are with respect to ground.
Parameter
Rating
Unit
Supply Voltage at No Input Signal
6.0
V
Input Voltage
-0.3 to VDD +0.3
Maximum Junction Temperature
+150
°C
Storage Temperature
-65 to +150
Soldering Temperature
300, 5s
PAM8302A
Document number: DS41333 Rev. 4 - 2
2 of 13
www.diodes.com
September 2018
© Diodes Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com