Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2SC1623SWT1G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # L2SC1623SWT1G
Description  General Purpose Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L2SC1623SWT1G Datasheet(HTML) 2 Page - Leshan Radio Company

  L2SC1623SWT1G Datasheet HTML 1Page - Leshan Radio Company L2SC1623SWT1G Datasheet HTML 2Page - Leshan Radio Company L2SC1623SWT1G Datasheet HTML 3Page - Leshan Radio Company L2SC1623SWT1G Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
0
–0.2
–0.4
–0.6
–0.8
–1.0
–1.2
–1.4
–1.6
50
20
10
50
2
1
0.5
0.2
0.1
0
0.4
0.8
1.2
1.6
2.0
T
A = 25°C
100
80
60
40
20
0
Fig.1 Grounded emitter propagation characteristics
Fig.2 Grounded emitter output characteristics( )
Fig.3 Grounded emitter output characteristics( )
Fig.4 DC current gain vs. collector current ( )
Fig.5 DC current gain vs. collector current ( )
Fig.6 Collector-emitter saturation voltage vs.
collector current
V
CE= 6 V
V
BE , BASE TO EMITTER VOLTAGE(V)
V
CE , COLLECTOR TO EMITTER VOLTAGE (V)
0
4812
16
20
10
8
6
4
2
0
V
CE , COLLECTOR TO EMITTER VOLTAGE (V)
500
200
100
50
20
10
I
C, COLLECTOR CURRENT (mA)
0.2
0.5
1
2
5
10
20
50
100
200
500
200
100
50
20
10
I
C, COLLECTOR CURRENT (mA)
0.5
0.2
0.1
0.05
0.02
0.01
I
C, COLLECTOR CURRENT (mA)
0.50mA
0.2
0.5
1
2
5
10
20
50
100
200
0.2
0.5
1
2
5
10
20
50
100
200
LESHAN RADIO COMPANY, LTD.
L2SC1623SWT1G
Rev. O 2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com