Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2SC1623SWT3G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # L2SC1623SWT3G
Description  General Purpose Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L2SC1623SWT3G Datasheet(HTML) 1 Page - Leshan Radio Company

  L2SC1623SWT3G Datasheet HTML 1Page - Leshan Radio Company L2SC1623SWT3G Datasheet HTML 2Page - Leshan Radio Company L2SC1623SWT3G Datasheet HTML 3Page - Leshan Radio Company L2SC1623SWT3G Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. O 1/4
MAXIMUM RATINGS
Symbol
Value
Unit
Collector-Emitter Voltage
VCEO
50
V
Collector-Base Voltage
VCBO
60
V
Emitter-Base Voltage
VEBO
7V
Collector current-continuoun
IC
150
mAdc
THERMAL CHARATEERISTICS
Symbol
Max
Unit
Total Device Dissipation FR-5 Board, (1)
PD
150
mW
1.2
mW/oC
Thermal Resistance, Junction to Ambient
R
θJA
833
oC/W
PD
200
mW
1.6
mW/oC
Thermal Resistance, Junction to Ambient
R
θJA
625
oC
/W
Junction and Storage Temperature
Tj ,Tstg
-55 to +150
oC
ELECTRICAL CHARACTERISTICS (TA
=25oC unless otherwise noted)
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector Cutoff Current (VCB=60V)
I CBO
-
-
0.1
µA
Emitter Cutoff Current (VBE=5V)
I EBO
0.1
µA
Characteristic
Total Device Dissipation
Derate above 25
oC
Rating
TA=25
oC
Derate above 25
oC
Alumina Substrate, (2) TA=25
oC
Characteristic
SC-70
General Purpose Transistors
2
EMITTER
3
COLLECTOR
1
BASE
LESHAN RADIO COMPANY, LTD.
Pb-Free pack
kage is available
DEVICE MARKING AND ORDERING INFORMATION
Device
Marking
L7
3000/Tape&Reel
10000/Tape&Reel
Shipping
L7
L2SC1623SWT1G
L2SC1623SWT1G
L2SC1623SWT3G
1
3
2
DC Current Gain
(IC=1.0mA, VCE=6V)
hFE
270
-
560
Collector-Emitter Saturation Voltage
(IC=100mA,IB=10mA)
V CE(sat)
-
0.15
0.3
V
Base-Emitter Saturation Voltage
(IC=100mA,IB=10mA)
VBE(sat)
-
0.86
1.0
V
IC=1mA,VCE=6.0V)
V
BE
0.55
0.62
0.65
V
Base -Emitter On Voltage
ON CHARACTERISTICS
SMALL-SIGNAL CHARACTERISTICS
Current-Gain-Bandwidth Product
Ft
-
250
-
MHz
(VCE=6.0V,IE =
-10mA)
Output Capacitance(VCE = 6V, IE=0, f=1.0MHz)
Cob
-
3
-
Pf


Similar Part No. - L2SC1623SWT3G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SC1623SWT1G LRC-L2SC1623SWT1G_15 Datasheet
313Kb / 4P
General Purpose Transistors
More results

Similar Description - L2SC1623SWT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
General Purpose Transistors
March, 2007 ??Rev. 3
logo
SeCoS Halbleitertechnol...
EMX1 SECOS-EMX1 Datasheet
516Kb / 3P
General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
General Purpose Transistors
October, 2009 ??Rev. 9
logo
WILLAS ELECTRONIC CORP
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
General Purpose Transistors
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
General Purpose Transistors
logo
First Silicon Co., Ltd
BC807S FS-BC807S Datasheet
107Kb / 3P
General Purpose Transistors
BC847E FS-BC847E Datasheet
427Kb / 5P
General Purpose Transistors
logo
Shanghai Leiditech Elec...
L9012PLT1G LEIDITECH-L9012PLT1G Datasheet
273Kb / 2P
General Purpose Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com