Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-L8550SQLT1G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # S-L8550SQLT1G
Description  General Purpose Transistors PNP Silicon
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

S-L8550SQLT1G Datasheet(HTML) 2 Page - Leshan Radio Company

  S-L8550SQLT1G Datasheet HTML 1Page - Leshan Radio Company S-L8550SQLT1G Datasheet HTML 2Page - Leshan Radio Company S-L8550SQLT1G Datasheet HTML 3Page - Leshan Radio Company S-L8550SQLT1G Datasheet HTML 4Page - Leshan Radio Company S-L8550SQLT1G Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
L8550SQLT1G/S-L8550SQLT1G
General Purpose Transistors PNP Silicon
5. ELECTRICAL CHARACTERISTICS (Ta= 25ºC)
OFF CHARACTERISTICS
Characteristic
Collector-Emitter Breakdown Voltage
(IC =-1.0mA)
Emitter-Base Breakdown Voltage
(IE = -100µA)
Collector-Base Breakdown voltage
(IC = -100µA)
Collector Cutoff Current
(VCB = -35 V)
Emitter Cutoff Current
(VEB = -4V)
ON CHARACTERISTICS
DC Current Gain
(IC =-100mA, VCE =-1V)
Collector-Emitter Saturation Voltage
(IC =-800mA, IB =-80mA)
Symbol
Min.
Typ.
ICBO
nA
-
-
-150
V(BR)EBO
Vdc
-12
-
-40
-
V(BR)CBO
Vdc
-
-
HFE
150
-
300
VCE(S)
IEBO
nA
-
-
-150
Vdc
-
-
-0.5
Unit
V(BR)CEO
Vdc
-25
-
-
Max.
Leshan Radio Company, LTD.
Rev.O Oct 2016
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com