Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L16B45BG-R24-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # L16B45BG-R24-R
Description  16-BIT CONSTANT CURRENT LED SINK DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L16B45BG-R24-R Datasheet(HTML) 1 Page - Unisonic Technologies

  L16B45BG-R24-R Datasheet HTML 1Page - Unisonic Technologies L16B45BG-R24-R Datasheet HTML 2Page - Unisonic Technologies L16B45BG-R24-R Datasheet HTML 3Page - Unisonic Technologies L16B45BG-R24-R Datasheet HTML 4Page - Unisonic Technologies L16B45BG-R24-R Datasheet HTML 5Page - Unisonic Technologies L16B45BG-R24-R Datasheet HTML 6Page - Unisonic Technologies L16B45BG-R24-R Datasheet HTML 7Page - Unisonic Technologies L16B45BG-R24-R Datasheet HTML 8Page - Unisonic Technologies L16B45BG-R24-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UNISONIC TECHNOLOGIES CO., LTD
L16B45B
Advance
CMOS IC
www.unisonic.com.tw
1 of 10
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R102-085.b
16-BIT CONSTANT CURRENT
LED SINK DRIVER
DESCRIPTION
The UTC L16B45B is designed for LED displays. UTC
L16B45B
contains a serial buffer and data latches which convert
serial input data into parallel output format. at UTC L16B45B
output stage, sixteen regulated current ports are designed to
provide uniform and constant current sinks for driving LEDs within
a large range of VF variations.
UTC L16B45B provides users with great flexibility and device
performance while using UTC L16B45B in their system design for
LED display applications, e.g. LED panels. Users may adjust the
output current from 0.6mA to 45mA through an external resistor,
R-EXT, which gives users flexibility in controlling the light intensity
of LEDs. UTC L16B45B guarantees to endure maximum 11V at
the output port. The high clock frequency, 35MHz, also satisfies the
system requirements of high volume data transmission.
FEATURES
* 16 constant-current output channels
* Constant output current invariant to load voltage change:
Constant output current range:
0.6~45mA @ VDD=5V
0.6~35mA @ VDD=3.3V
* Output current adjusted through an external resistor
* Fast response of output current, OE : 20ns @ VDD=3.3V
* Schmitt trigger input
* 3.3V, 5V supply voltage
SSOP-24
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
L16B45BL-R24-R
L16B45BG-R24-R
SSOP-24
Tape Reel


Similar Part No. - L16B45BG-R24-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L16B45 UTC-L16B45 Datasheet
274Kb / 11P
CMOS IC
L16B45AG-R24-R UTC-L16B45AG-R24-R Datasheet
267Kb / 12P
Schmitt trigger input
L16B45G-S24-R UTC-L16B45G-S24-R Datasheet
274Kb / 11P
CMOS IC
More results

Similar Description - L16B45BG-R24-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5026 ETC-MBI5026 Datasheet
381Kb / 14P
16-bit Constant Current LED Sink Driver
MBI5016 ETC-MBI5016 Datasheet
280Kb / 11P
16-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16C596 STMICROELECTRONICS-STP16C596 Datasheet
340Kb / 18P
16-BIT CONSTANT CURRENT LED SINK DRIVER
03-Aug-2004
logo
List of Unclassifed Man...
MBI5026CF ETC1-MBI5026CF Datasheet
378Kb / 17P
16-bit Constant Current LED Sink Driver
MBI5025 ETC2-MBI5025 Datasheet
277Kb / 13P
16-bit Constant Current LED Sink Driver
logo
Protek Devices
PA5026 PROTEC-PA5026 Datasheet
246Kb / 10P
16-Bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16CPC26 STMICROELECTRONICS-STP16CPC26 Datasheet
427Kb / 26P
Low voltage 16-bit constant current LED sink driver
29-Jan-2013
STP16CPC26XTR STMICROELECTRONICS-STP16CPC26XTR Datasheet
427Kb / 26P
Low voltage 16-bit constant current LED sink driver
29-Jan-2013
STP16C596A STMICROELECTRONICS-STP16C596A Datasheet
541Kb / 18P
16-BIT CONSTANT CURRENT LED SINK DRIVER
25-Jul-2005
STP16CPP05 STMICROELECTRONICS-STP16CPP05 Datasheet
1Mb / 31P
Low voltage 16-bit constant current LED sink driver
March 2017 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com