Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC4107G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UC4107G-S08-R
Description  TWO-STAGE HYSTERETIC LED DRIVER CONTROLLER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC4107G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UC4107G-S08-R Datasheet HTML 1Page - Unisonic Technologies UC4107G-S08-R Datasheet HTML 2Page - Unisonic Technologies UC4107G-S08-R Datasheet HTML 3Page - Unisonic Technologies UC4107G-S08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UC4107
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 4
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R125-055.b
TWO-STAGE HYSTERETIC LED
DRIVER CONTROLLER
DESCRIPTION
The UTC UC4107 is a two-stage controller with dual gate
drivers consist of a Boost converter and a Buck converter. The
advantage of the two-stage topology is highly compatible with
Electronic Transformer in MR16/AR111 lighting market field
applications.
The UTC UC4107 is equipped with dual output gate drivers for
external power MOSFETs, suitable for higher power applications.
FEATURES
* Topology: Boost+Buck
* Input Voltage Range: 4.5V~40V
* Adjustable Peak Input Current Control
* Adjustable Boost Output Voltage
* Independent Dual Stage Function
* Adjustable LED Current
* LED Current Accuracy: ±5%
* Input Under Voltage Lockout Detection
* Thermal Shutdown Protection
SOP-8
HSOP-8
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
UC4107L-S08-R
UC4107G-S08-R
SOP-8
Tape Reel
UC4107L-SH2-R
UC4107G-SH2-R
HSOP-8
Tape Reel
MARKING


Similar Part No. - UC4107G-S08-R

ManufacturerPart #DatasheetDescription
logo
VITALCONN ELECTRONICS H...
UC41031LB01 VITALCONN-UC41031LB01 Datasheet
220Kb / 1P
USB C TYPE DIP MALE 1.75
UC41032LB01 VITALCONN-UC41032LB01 Datasheet
220Kb / 1P
USB C TYPE DIP MALE 1.75
UC41033LB01 VITALCONN-UC41033LB01 Datasheet
220Kb / 1P
USB C TYPE DIP MALE 1.75
UC41034LB01 VITALCONN-UC41034LB01 Datasheet
220Kb / 1P
USB C TYPE DIP MALE 1.75
UC41035LB01 VITALCONN-UC41035LB01 Datasheet
220Kb / 1P
USB C TYPE DIP MALE 1.75
More results

Similar Description - UC4107G-S08-R

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9930 SUTEX-HV9930 Datasheet
525Kb / 7P
Hysteretic Boost-Buck (Cuk) LED Driver ICs
logo
National Semiconductor ...
LM27212 NSC-LM27212 Datasheet
1Mb / 23P
Two-Phase Current-Mode Hysteretic Buck Controller
logo
Supertex, Inc
AT9933 SUTEX-AT9933 Datasheet
515Kb / 9P
Hysteretic Boost-Buck (cuk) LED Driver IC
logo
Micrel Semiconductor
MIC3205 MICREL-MIC3205 Datasheet
1,022Kb / 23P
High-Brightness LED Driver Controller with Fixed-Frequency Hysteretic Control
logo
Texas Instruments
LM3475 TI1-LM3475_14 Datasheet
1Mb / 21P
Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_14 Datasheet
1,023Kb / 22P
Hysteretic PFET Buck Controller
logo
Microchip Technology
AT9933 MICROCHIP-AT9933 Datasheet
542Kb / 16P
Hysteretic Boost-Buck (훴uk) LED Driver IC
06/23/16
logo
Richtek Technology Corp...
RT8415 RICHTEK-RT8415 Datasheet
545Kb / 13P
Two-Stage Hysteretic LED Driver
RT8471 RICHTEK-RT8471 Datasheet
237Kb / 15P
Hysteretic, High Brightness LED Driver
RT8479C RICHTEK-RT8479C Datasheet
148Kb / 15P
Two-Stage Hysteretic LED Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com