Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD8973L-S08-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UD8973L-S08-R
Description  LED DISPLAY CONTROL CIRCUIT WITH GHOSTING EFFECT ELIMINATION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD8973L-S08-R Datasheet(HTML) 6 Page - Unisonic Technologies

  UD8973L-S08-R Datasheet HTML 1Page - Unisonic Technologies UD8973L-S08-R Datasheet HTML 2Page - Unisonic Technologies UD8973L-S08-R Datasheet HTML 3Page - Unisonic Technologies UD8973L-S08-R Datasheet HTML 4Page - Unisonic Technologies UD8973L-S08-R Datasheet HTML 5Page - Unisonic Technologies UD8973L-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
UD8973
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 6
www.unisonic.com.tw
QW-R140-006.a
TYPICAL APPLICATION CIRCUIT (Cont.)
A
B
C
B1
B2
B3
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
HA1
1
HB1
2
HC1
3
EN138L
4
HD1
5
HE2
6
15
HSEL1
14
HSEL2
13
HSEL3
12
HSEL4
11
HSEL5
10
HSEL6
9
HSEL7
7
HSEL8
D162 U74HC138
A
B
C
E1
E2
E3
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
HA1
1
HB1
2
HC1
3
EN138L
4
HD2
5
HE2
6
15
HSEL9
14
HSEL10
13
HSEL11
12
HSEL12
11
HSEL13
10
HSEL14
9
HSEL15
7
HSEL16
D163 U74HC138
7
HD1
1
HE1
3
GND
5
01
9
02
11
03
13
14
2
HD2
4
HE2
6
01
8
02
10
03
12
VCC
D161 U74HC04
GND
1A
2A
3A
4A
5A
6A
VCC
1Y
2Y
3Y
4Y
5Y
6Y
GND
A
B
C
E1
E2
E3
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
HA1
1
HB1
2
HC1
3
EN138L
4
HD1
5
HE1
6
15
HSEL17
14
HSEL18
13
HSEL19
12
HSEL20
11
HSEL21
10
HSEL22
9
HSEL23
7
HSEL24
D164 U74HC138
A
B
C
E1
E2
E3
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
HA1
1
HB1
2
HC1
3
EN138L
4
HD2
5
HE1
6
15
HSEL25
14
HSEL26
13
HSEL27
12
HSEL28
11
HSEL29
10
HSEL30
9
HSEL31
7
HSEL32
D165 U74HC138
(3) 32 Bits U74HC138 Connection
1. EN138L can be connected to U74HC138 outputs or ground.
2. All above only describe connections of signal A, B, C, D and E. U74HC138’s and other devices’ decoupling
capacitors CX should be connected with power supply and ground as normal.
Note
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com