Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UL82AG-AB3-R Datasheet(PDF) 11 Page - Unisonic Technologies

Part # UL82AG-AB3-R
Description  NON ISOLATED BUCK CONSTANT CURRENT LED DRIVER IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UL82AG-AB3-R Datasheet(HTML) 11 Page - Unisonic Technologies

Back Button UL82AG-AB3-R Datasheet HTML 4Page - Unisonic Technologies UL82AG-AB3-R Datasheet HTML 5Page - Unisonic Technologies UL82AG-AB3-R Datasheet HTML 6Page - Unisonic Technologies UL82AG-AB3-R Datasheet HTML 7Page - Unisonic Technologies UL82AG-AB3-R Datasheet HTML 8Page - Unisonic Technologies UL82AG-AB3-R Datasheet HTML 9Page - Unisonic Technologies UL82AG-AB3-R Datasheet HTML 10Page - Unisonic Technologies UL82AG-AB3-R Datasheet HTML 11Page - Unisonic Technologies UL82AG-AB3-R Datasheet HTML 12Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
UL82A
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
11 of 12
www.unisonic.com.tw
QW-R125-044.d
TEST CIRCUIT
Table 1. Efficiency and power factor test
VI
pF
VO (V)
IO (A)
Pi (W)
η
85V
---
61
0.0962
6.6
88.91%
115V
0.552
61
0.1031
7.04
89.33%
132V
---
60.4
0.102
6.92
89.03%
180V
---
117
0.1026
12.9
93.06%
230V
0.496
116
0.1008
12.65
92.43%
264V
---
116
0.1006
12.64
92.32%
Table 2. Line Regulation & Load Regulation test
VLED
VIN
60V
80V
120V
Load Regulation%
180VAC
0.1042
0.104
0.1042
±0.1%
230VAC
0.1043
0.1038
0.1021
±1.1%
264VAC
0.1045
0.1038
0.1017
±1.4%
Line Regulation%
±0.15%
±0.1%
±1.25%
Crucial waveforms
VIN=115V, fSW=33KHZ
VIN=230V, fSW=66KHZ
Short circuit protection test
Over-temperature protection test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com