Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UL82AG-AE2-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UL82AG-AE2-R
Description  NON ISOLATED BUCK CONSTANT CURRENT LED DRIVER IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UL82AG-AE2-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UL82AG-AE2-R Datasheet HTML 1Page - Unisonic Technologies UL82AG-AE2-R Datasheet HTML 2Page - Unisonic Technologies UL82AG-AE2-R Datasheet HTML 3Page - Unisonic Technologies UL82AG-AE2-R Datasheet HTML 4Page - Unisonic Technologies UL82AG-AE2-R Datasheet HTML 5Page - Unisonic Technologies UL82AG-AE2-R Datasheet HTML 6Page - Unisonic Technologies UL82AG-AE2-R Datasheet HTML 7Page - Unisonic Technologies UL82AG-AE2-R Datasheet HTML 8Page - Unisonic Technologies UL82AG-AE2-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
UL82A
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 12
www.unisonic.com.tw
QW-R125-044.d
ABSOLUTE MAXIMUM RATING (TA=25°C, Unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
-0.3 ~ 550
V
Supply Voltage
VDD
-0.3 ~ 8.5
V
SOT-23
SOT-23-3
300
mW
SOT-89
695
mW
HSOP-8
1250
mW
Power Dissipation
TO-92
PD
625
mW
Junction Temperature
TJ
-45 ~ +125
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATION CONDITIONS
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
140 ~ 375
V
Supply Voltage
VDD
7 ~ 8
V
Reference Load Current
ILOAD
0 ~ 200
mA
Ambient Temperature
TA
0 ~ +70
°C
THERMAL RESISTANCES CHARACTERISTICS
PARAMETER
SYMBOL
RATING
UNIT
SOT-23
SOT-23-3
416
°C/W
SOT-89
180
°C/W
HSOP-8
100
°C/W
Junction to Ambient
TO-92
θJA
200
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com