Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UL98AL-AE3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UL98AL-AE3-R
Description  NON ISOLATED BUCK CONSTANT CURRENT LED DRIVER IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UL98AL-AE3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UL98AL-AE3-R Datasheet HTML 1Page - Unisonic Technologies UL98AL-AE3-R Datasheet HTML 2Page - Unisonic Technologies UL98AL-AE3-R Datasheet HTML 3Page - Unisonic Technologies UL98AL-AE3-R Datasheet HTML 4Page - Unisonic Technologies UL98AL-AE3-R Datasheet HTML 5Page - Unisonic Technologies UL98AL-AE3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UL98A
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R103-150.a
ABSOLUTE MAXIMUM RATING (TA=25°C, Unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
-0.3 ~ 550
V
Supply Voltage
VDD
-0.3 ~ 8.5
V
Power Dissipation
PD
300
mW
Junction Temperature
TJ
-45 ~ +125
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATION CONDITIONS
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
140 ~ 375
V
Supply Voltage
VDD
6 ~ 7
V
Reference Load Current
ILOAD
0 ~ 200
mA
Ambient Temperature
TA
0 ~ +70
°C
THERMAL DATA
PARAMETER
SYMBOL
RATING
UNIT
Junction to Ambient
θJA
416
°C/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com