Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UL82AG-AE3-R Datasheet(PDF) 10 Page - Unisonic Technologies

Part # UL82AG-AE3-R
Description  NON ISOLATED BUCK CONSTANT CURRENT LED DRIVER IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UL82AG-AE3-R Datasheet(HTML) 10 Page - Unisonic Technologies

Back Button UL82AG-AE3-R Datasheet HTML 4Page - Unisonic Technologies UL82AG-AE3-R Datasheet HTML 5Page - Unisonic Technologies UL82AG-AE3-R Datasheet HTML 6Page - Unisonic Technologies UL82AG-AE3-R Datasheet HTML 7Page - Unisonic Technologies UL82AG-AE3-R Datasheet HTML 8Page - Unisonic Technologies UL82AG-AE3-R Datasheet HTML 9Page - Unisonic Technologies UL82AG-AE3-R Datasheet HTML 10Page - Unisonic Technologies UL82AG-AE3-R Datasheet HTML 11Page - Unisonic Technologies UL82AG-AE3-R Datasheet HTML 12Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
UL82A
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
10 of 12
www.unisonic.com.tw
QW-R125-044.d
APPLICATION INFORMATION
UL82A
is a constant current driver IC for LED lighting, which is applied to the non isolated LED driver power
supply.
The 500V power switch is integrated in the chip, which is based on the constant current architecture and control
method, and it can achieve excellent constant current characteristics with minimal external components.
And without auxiliary winding power supply and testing, the system cost is very low.
Start
After the system is powered up, the input voltage is charged on the VDD pin through the jfet, and when the VDD
voltage reaches the threshold value, the chip's internal reference circuit begins to work. When the chip is working
normally, the required operating current is still through the supply of internal consumption.
Constant current control
The chip is detected the peak current, and the RCS resistance is connected to the input terminal of the peak
comparator, which is compared with the threshold voltage 0.6V. When the RCS voltage reaches the threshold, the
LED current is adjusted, and realized the constant current control.
The formula for calculating the inductor peak current is IPK=600/RCS (mA).
Among them, RCS is a current sampling resistor.
The output of the comparator CS also includes a 500ns leading edge blanking time.
The formula for calculating the LED average current is ILED=IPK/2.
Among them, IPK is the inductor peak current.
Protection function
UL82A built in a variety of protection functions, including LED short-circuit protection, LED open circuit protection,
sampling circuit short-circuit protection, temperature regulation and protection, etc.
When LED short circuit, the system works in the 3 KHz low frequency, so the power consumption is very low.
Over temperature adjustment function
UL82A
has the function of over temperature adjustment, the output current is gradually reduced when the driving
power is over, so that the output power and temperature rise is controlled, the power supply is maintained at the set
value,
In order to improve the reliability of the system, the chip is internally set to adjust the temperature of the 140°C.
PCB design
In the design of PCB, you need to follow the following guidelines:
VDD bypass capacitor is required to close the VDD pin of the chip.
RCS resistor requires close to the CS pin of the chip
Between RCS and VDD bypass capacitor resistor connected to the copper foil as short as possible
CS pin increases in the area of copper clad to improve chip cooling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com