Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UL98BG-AE3-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # UL98BG-AE3-R
Description  NON ISOLATED BUCK CONSTANT CURRENT LED DRIVER IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UL98BG-AE3-R Datasheet(HTML) 7 Page - Unisonic Technologies

  UL98BG-AE3-R Datasheet HTML 1Page - Unisonic Technologies UL98BG-AE3-R Datasheet HTML 2Page - Unisonic Technologies UL98BG-AE3-R Datasheet HTML 3Page - Unisonic Technologies UL98BG-AE3-R Datasheet HTML 4Page - Unisonic Technologies UL98BG-AE3-R Datasheet HTML 5Page - Unisonic Technologies UL98BG-AE3-R Datasheet HTML 6Page - Unisonic Technologies UL98BG-AE3-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
UL98B
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 7
www.unisonic.com.tw
QW-R103-151.a
TYPICAL APPLICATION CIRCUIT
BOM
Reference
Component
R1
750K, 1206
R2
3Ω, 1206
C1
2.2uF,1KV
C2
1uF / 50V, 0805
CIN
6.8μF, 400V
D1 ~ D4
1N4007
D5
ES1J, SMA
L0
4.7mH
U1
UL98B
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com