Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2908758 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2908758
Description  Interface card - 1771-CARDEDGE18/D25F
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2908758 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2908758 Datasheet HTML 1Page - PHOENIX CONTACT 2908758 Datasheet HTML 2Page - PHOENIX CONTACT 2908758 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/pi/products/2908758
10/16/2018   Page 1 / 3
Interface card - 1771-CARDEDGE18/D25F - 2908758
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Allen-Bradley® PLC-5 migration board used to convert 1771 I/O and pre-wired 18-position swing arm (1771-
WE, 1771-WF, or 1771-WI) to 25-position (female) D-SUB socket
Your advantages
 Durable PCB designed to easily mount within 1771 chassis
 Card edge connection with locking tab
 Quick cable connection via D-SUB 25 female connector
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4055626365749
Technical data
Dimensions
Width
254 mm
Height
153.2 mm
Depth
21.3 mm
Ambient conditions
Ambient temperature (operation)
-40 °C ... 70 °C
Ambient temperature (storage/transport)
-40 °C ... 70 °C
General
Max. perm. operating voltage
max. 125 V AC/DC
Max. perm. current (per branch)
2 A
Number of positions
18
Status display
No
Connection data for connection 1


Similar Part No. - 2908758

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2908755 PHOENIX-2908755 Datasheet
162Kb / 11P
Housing base, 10-position integrated cross connector for parallel through contacting
2908756 PHOENIX-2908756 Datasheet
64Kb / 5P
Interface card - 1771-CARDEDGE10/D25F
2908757 PHOENIX-2908757 Datasheet
65Kb / 5P
Interface card - 1771-CARDEDGE12/D25F
More results

Similar Description - 2908758

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8002 PHILIPS-TDA8002 Datasheet
132Kb / 28P
IC card interface
1997 Nov 04
TDA8002C PHILIPS-TDA8002C Datasheet
139Kb / 28P
IC card interface
1999 Oct 12
logo
Maxim Integrated Produc...
DS8313 MAXIM-DS8313 Datasheet
273Kb / 18P
Smart Card Interface
Rev 1; 5/09
logo
NXP Semiconductors
TDA8024 NXP-TDA8024 Datasheet
181Kb / 29P
IC card interface
2004 July 12
logo
Intronics Power, Inc.
PLC4000 INTRONICS-PLC4000 Datasheet
439Kb / 2P
120 Watt DC-DC Power Supply for the Allen Bradley 1771 PLC System
logo
PHOENIX CONTACT
2906297 PHOENIX-2906297 Datasheet
67Kb / 5P
Interface card - 1771-CARDEDGE40/2XD25F
2906375 PHOENIX-2906375 Datasheet
64Kb / 5P
Interface card - 1771-CONTACT21/D25F
2908756 PHOENIX-2908756 Datasheet
64Kb / 5P
Interface card - 1771-CARDEDGE10/D25F
2908757 PHOENIX-2908757 Datasheet
65Kb / 5P
Interface card - 1771-CARDEDGE12/D25F
logo
Teridian Semiconductor ...
73S8024C TERIDIAN-73S8024C Datasheet
483Kb / 22P
Smart Card Interface
April 2009
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com