Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE4600M Datasheet(PDF) 5 Page - ACE Technology Co., LTD.

Part # ACE4600M
Description  N-Channel 60-V (D-S) MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4600M Datasheet(HTML) 5 Page - ACE Technology Co., LTD.

  ACE4600M Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4600M Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4600M Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4600M Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4600M Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4600M Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ACE4600M
N-Channel 60-V (D-S) MOSFET
VER 1.1
5
Packing Information
DFN5*6-8L
SYMBOLS
DIMENSIONS IN MILLIMETERS
DIMENSIONS IN INCHES
MIN
NOM
MAX
MIN
NOM
MAX
A
0.85
0.033
0.037
0.039
A1
0.00
0.000
0.002
b
0.30
0.012
0.016
0.020
c
0.15
0.006
0.008
0.010
D
5.20BSC
0.205BSC
D1
4.35BSC
0.171BSC
E
5.55BSC
0.219BSC
E1
6.05BSC
0.238BSC
E2
3.62BSC
0.143BSC
e
1.27BSC
0.050BSC
L
0.45
0.55
0.65
0.018
0.022
0.026
L1
0
0.15
0
0.006
L2
0.68REF
0.027REF
θ1
0°
10°
0°
10°



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com