Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE7213F Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE7213F
Description  18V, 3A, High Efficiency Synchronous Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7213F Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE7213F Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7213F Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7213F Datasheet HTML 3Page - ACE Technology Co., LTD. ACE7213F Datasheet HTML 4Page - ACE Technology Co., LTD. ACE7213F Datasheet HTML 5Page - ACE Technology Co., LTD. ACE7213F Datasheet HTML 6Page - ACE Technology Co., LTD. ACE7213F Datasheet HTML 7Page - ACE Technology Co., LTD. ACE7213F Datasheet HTML 8Page - ACE Technology Co., LTD. ACE7213F Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ACE7213F
18V, 3A, High Efficiency Synchronous Step-Down Converter
VER 1.1
1
Description
ACE7213F is a wide input range, high-efficiency and high frequency DC-to-DC step-down switching
regulator, capable of delivering up to 3A of output current. It adopts an Adaptive COT control scheme that
enables very fast transient response and provides a very smooth transition when the output varies from
light load to heavy load. During light load, ACE7213F goes into a PFM mode that saves switching loss
achieving high efficiency. The adaptive COT control also maintains a constant switching frequency across
line and load. An OVP function protects the IC itself and its downstream system against input voltage
surges. With this OVP function, the IC can stand off input voltage as high as 18V, making it an ideal
solution for industrial applications such as LCD TV, Set Top Box, Portable TV, etc.
Features
Wide Input Range: 4.5V-18V
Adaptive COT Control
Ultra-fast load transient response
High Efficiency PFM mode at light load
High Efficiency Synchronous operation
No load IQ 180uA
Low Rdson Internal power FETs
Capable of Delivering 3A
No External Compensation Needed
Thermal Shutdown and UVLO
Available in SOT-563 Package
Application
LCD TV
Set Top Box
xDSL Modem
Absolute Maximum Ratings
Parameter
Value
IN, SW, EN Voltage
–0.3V to 19V
BST Voltage
–0.3V
to SW+6V
FB Voltage
–0.3V to 6V
Operating Temperature Range
–40°C to 85°C
Storage Temperature Range
–55°C to 150°C
Thermal Resistance
θ
JA
130 °C /W
θ
JC
60 °C /W
Lead Temperature (Soldering 10ssec)
260°C
Note: Exceed these limits to damage to the device. Exposure to absolute maximum rating conditions may affect
device reliability.


Similar Part No. - ACE7213F

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE7210A ACE-ACE7210A Datasheet
187Kb / 2P
1A 2MHz 5.5V Synchronous Buck Converter
VER 1.1
ACE7212E ACE-ACE7212E Datasheet
489Kb / 10P
18V, 2A, High Efficiency Synchronous Step-Down Converter
VER 1.1
ACE7212Y ACE-ACE7212Y Datasheet
222Kb / 4P
High-Efficiency 2A Continuous 24V Input Synchronous Step Down Converter
VER 1.1
ACE7212YGMH ACE-ACE7212YGMH Datasheet
222Kb / 4P
High-Efficiency 2A Continuous 24V Input Synchronous Step Down Converter
VER 1.1
ACE7215A ACE-ACE7215A Datasheet
405Kb / 9P
1.5A 2MHz 6V Synchronous Buck Converter
VER 1.1
More results

Similar Description - ACE7213F

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL9384 BELLING-BL9384 Datasheet
289Kb / 6P
3A, 18V High Efficiency Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT7257A RICHTEK-RT7257A Datasheet
274Kb / 14P
3A, 18V, 340kHz Synchronous Step-Down Converter
RT7257D RICHTEK-RT7257D Datasheet
224Kb / 14P
3A, 18V, 1.2MHz Synchronous Step-Down Converter
logo
Exar Corporation
XRP7665 EXAR-XRP7665 Datasheet
759Kb / 12P
3A 18V Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE729E ACE-ACE729E Datasheet
391Kb / 8P
3A, 18V High Efficiency Synchronous Step-Down Converter
VER 1.1
ACE727Z ACE-ACE727Z Datasheet
578Kb / 9P
18V, 3A, High Efficiency Synchronous Step-Down Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL9313 BELLING-BL9313 Datasheet
524Kb / 11P
3A, 18V Synchronous Step-Down Converter
BL9371 BELLING-BL9371 Datasheet
561Kb / 11P
3A, 18V Synchronous Step-Down Converter
logo
ETA SOLUTIONS CO. LIMIT...
ETA1485 ETA-ETA1485 Datasheet
238Kb / 1P
3A, 18V High Efficiency Synchronous Step-Down Converter
ETA1653 ETA-ETA1653 Datasheet
205Kb / 1P
18V, 3A, High Efficiency Synchronous Step-Down Converter in SOT563
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com