Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE7255E Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE7255E
Description  24V, 2A, Forced PWM Synchronous Step-Down Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7255E Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE7255E Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7255E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7255E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE7255E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE7255E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE7255E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE7255E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE7255E Datasheet HTML 8Page - ACE Technology Co., LTD. ACE7255E Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ACE7255E
24V, 2A, Forced PWM Synchronous Step-Down Converter
VER 1.1
2
Packaging Type
SOT-23-6
Ordering information
ACE7255E XX + H
SOT-23-6
Description
Function
1
BST
Bootstrap pin. Connect a 10nF capacitor from this pin to SW.
2
GND
Ground
3
FB
Feedback Input. Connect an external resistor divider from the output to FB
and
GND to set VOUT
4
EN
Enable pin for the IC. Drive this pin high to enable the part, low to disable.
5
IN
Supply Voltage. Bypass with
a 10μF ceramic capacitor to GND.
6
SW
Inductor Connection. Connect an inductor Between SW and
the regulator
output.
Halogen - free
GM: SOT-23-6
Pb - free



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com