Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5243 Datasheet(PDF) 2 Page - Analog Devices

Part # AD5243
Description  Dual, 256-Position, I2C-Compatible Digital Potentiometers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5243 Datasheet(HTML) 2 Page - Analog Devices

  AD5243 Datasheet HTML 1Page - Analog Devices AD5243 Datasheet HTML 2Page - Analog Devices AD5243 Datasheet HTML 3Page - Analog Devices AD5243 Datasheet HTML 4Page - Analog Devices AD5243 Datasheet HTML 5Page - Analog Devices AD5243 Datasheet HTML 6Page - Analog Devices AD5243 Datasheet HTML 7Page - Analog Devices AD5243 Datasheet HTML 8Page - Analog Devices AD5243 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AD5243/AD5248
Data Sheet
Rev. C | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagrams............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Electrical Characteristics: 2.5 kΩ Version................................. 3
Electrical Characteristics: 10 kΩ, 50 kΩ, and 100 kΩ
Versions.......................................................................................... 4
Timing Characteristics: All Versions ......................................... 5
Absolute Maximum Ratings............................................................ 6
ESD Caution.................................................................................. 6
Pin Configurations and Function Descriptions ........................... 7
Typical Performance Characteristics ............................................. 8
Test Circuits..................................................................................... 12
Theory of Operation ...................................................................... 13
Programming the Variable Resistor and Voltage................... 13
Programming the Potentiometer Divider............................... 14
ESD Protection ........................................................................... 14
Terminal Voltage Operating Range ......................................... 14
Power-Up Sequence ................................................................... 14
Layout and Power Supply Bypassing ....................................... 14
Constant Bias to Retain Resistance Setting............................. 15
I2C Interface .................................................................................... 16
I2C Compatible, 2-Wire Serial Bus .......................................... 16
I2C Controller Programming.................................................... 18
Outline Dimensions....................................................................... 19
Ordering Guide .......................................................................... 19
REVISION HISTORY
4/16—Rev. B to Rev. C
Changes to Applications Section and General Description
Section................................................................................................ 1
Changed Digital Inputs and Outputs Parameter to Digital
Inputs Parameter, Table 1 ................................................................ 3
Changed Digital Inputs and Outputs Parameter to Digital
Inputs Parameter, Table 2 ................................................................ 4
Changes to Ordering Guide .......................................................... 19
4/12—Rev. A to Rev. B
Changes to Rheostat Operation Section, Table 7, and
Table 8 .............................................................................................. 13
Changes to Voltage Output Operation Section .......................... 14
Deleted Evaluation Board Section and Figure 45, Renumbered
Sequentially ..................................................................................... 15
Changes to Table 13........................................................................ 17
Updated Outline Dimensions....................................................... 19
Changes to Ordering Guide .......................................................... 19
4/09—Rev. 0 to Rev. A
Changes to DC Characteristics—Rheostat Mode Parameter and
to DC Characteristics—Potentiometer Divider Mode Parameter,
Table 1 .................................................................................................3
Moved Figure 3 ..................................................................................5
Updated Outline Dimensions....................................................... 19
Changes to Ordering Guide.......................................................... 19
1/04—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com