Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4371 Datasheet(PDF) 42 Page - Analog Devices

Part # ADF4371
Description  Microwave Wideband Synthesizer Integrated VCO
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4371 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADF4371 Datasheet HTML 38Page - Analog Devices ADF4371 Datasheet HTML 39Page - Analog Devices ADF4371 Datasheet HTML 40Page - Analog Devices ADF4371 Datasheet HTML 41Page - Analog Devices ADF4371 Datasheet HTML 42Page - Analog Devices ADF4371 Datasheet HTML 43Page - Analog Devices ADF4371 Datasheet HTML 44Page - Analog Devices ADF4371 Datasheet HTML 45Page - Analog Devices ADF4371 Datasheet HTML 46Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 42 / 46 page
background image
ADF4371
Preliminary Technical Data
Rev. PrI | Page 42 of 46
RF SYNTHESIZER—A WORKED EXAMPLE
Use the following equations to program the ADF4371 synthesizer:
(
)
Divider
RF
f
MOD1
MOD2
FRAC2
FRAC1
INT
RF
PFD
OUT
/
×
+
+
=
(7)
where:
RFOUT is the RF output frequency.
INT is the integer division factor.
FRAC1 is the fractionality.
FRAC2 is the auxiliary fractionality.
MOD1 is the fixed 25-bit modulus.
MOD2 is the auxiliary modulus.
RF Divider is the output divider that divides down the VCO
frequency.
fPFD = REFIN × ((1 + D)/(R × (1 + T)))
(8)
where:
REFIN is the reference frequency input.
D is the REFIN doubler bit.
R is the REF reference division factor.
T is the reference divide by 2 bit (0 or 1).
For example, in a universal mobile telecommunication system
(UMTS) where a 2112.8 MHz RF frequency output (RFOUT) is
required, a 122.88 MHz reference frequency input (REFIN)
is available. Note that the ADF4371 VCO operates in the
frequency range of 4 GHz to 8 GHz. Therefore, the RF divider of 2
must be used (VCO frequency = 4225.6 MHz, RFOUT =
VCO frequency/RF divider = 4225.6 MHz/2 = 2112.8 MHz).
The feedback path is also important. In this example, the VCO
output is fed back before the output divider (see Figure 16).
In this example, the 122.88 MHz reference signal is divided by 2
to generate fPFD of 61.44 MHz. The desired channel spacing is
200 kHz.
Figure 16. Loop Closed Before Output Divider
The worked example follows:
•
N = VCOOUT/fPFD = 4225.6 MHz/61.44 MHz =
68.7760416666666667
•
INT = int(VCO frequency/fPFD) = 68
•
FRAC = 0.7760416666666667
•
MOD1 = 33,554,432
•
FRAC1 = int(MOD1 × FRAC) = 26,039,637
•
Remainder = 0.3333333333 or 1/3
•
MOD2 = fPFD/GCD(fPFD, fCHSP) =
61.44 MHz/GCD(61.44 MHz, 200 kHz) = 1536
•
FRAC2 = Remainder × 1536 = 512
From Equation 8,
fPFD = (122.88 MHz × (1 + 0)/2) = 61.44
MHz
(x)
2112.8 MHz = 61.44 MHz × ((INT + (FRAC1 +
FRAC2/MOD2)/225))/2
(9)
where:
INT = 68
FRAC1 = 26,039,637
MOD2 = 1536
FRAC2 = 512
RF Divider = 2
REFERENCE INPUT SENSITIVITY
The slew rate of the input reference signal significantly affects
the performance. The part is functional with signals of very low
amplitude down to 0.4Vpp and with slew rate 21V/us. However,
the best performance is achieved with slew rates as high as
1000V/us. Achieving this slew rate with sinusoidal waves
requires high amplitudes and may not be possible at low
frequencies. The jitter and phase noise performance of
ADF4371 is given in Figures xx and xx for PFD frequencies 250
MHz and 100 MHz respectively.
A high performance square wave signal with a high slew rate is
recommended as the reference input signal to achieve the best
performance.
fPFD
PFD
VCO
N
DIVIDER
÷2
RFOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com