Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

535LP4E Datasheet(PDF) 7 Page - Analog Devices

Part # 535LP4E
Description  PHASE-LOCKED OSCILLATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

535LP4E Datasheet(HTML) 7 Page - Analog Devices

Back Button 535LP4E Datasheet HTML 2Page - Analog Devices 535LP4E Datasheet HTML 3Page - Analog Devices 535LP4E Datasheet HTML 4Page - Analog Devices 535LP4E Datasheet HTML 5Page - Analog Devices 535LP4E Datasheet HTML 6Page - Analog Devices 535LP4E Datasheet HTML 7Page - Analog Devices 535LP4E Datasheet HTML 8Page - Analog Devices 535LP4E Datasheet HTML 9Page - Analog Devices 535LP4E Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12
12 - 168
Pin Number
Function
Description
Interface Schematic
15
REF
PFD reference input.
(This pin must be DC blocked externally)
16
NREF
PFD reference input compliment.
(This pin must be DC blocked externally)
17
NU
PFD not up output.
18
ND
PFD not down output.
19
LD
PFD lock detector output.
20
Vcc3
Digital circuitry supply voltage, +5V.
Package
Base
GND
Package bottom has an exposed metal paddle that
must be connected to RF / DC ground.
Pin Descriptions (Continued)
HMC535LP4 / 535LP4E
v01.1009
PHASE-LOCKED OSCILLATOR,
14.7 - 15.4 GHz
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com