Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC698LP5 Datasheet(PDF) 6 Page - Analog Devices

Part # HMC698LP5
Description  7 GHz INTEGER N SYNTHESIZER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC698LP5 Datasheet(HTML) 6 Page - Analog Devices

Back Button HMC698LP5 Datasheet HTML 2Page - Analog Devices HMC698LP5 Datasheet HTML 3Page - Analog Devices HMC698LP5 Datasheet HTML 4Page - Analog Devices HMC698LP5 Datasheet HTML 5Page - Analog Devices HMC698LP5 Datasheet HTML 6Page - Analog Devices HMC698LP5 Datasheet HTML 7Page - Analog Devices HMC698LP5 Datasheet HTML 8Page - Analog Devices HMC698LP5 Datasheet HTML 9Page - Analog Devices HMC698LP5 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
6
6 - 6
Pin Description
Pin Number
Function
Description
Interface schematic
1
LD
Pulsed output.
Average “LOW” = UNLOCKED.
Average “hIGh” = LOCKED
2
INV
PFD INVERT function
CMOs compatible input control bit
Logic “LOW” = NORMAL
Logic “hIGh” = INVERT
4, 5, 18, 25
Vcc1, Vcc3,
Vcc2, Vcc_pd
supply Voltage 5V ±0.25V
9 - 14
N0 - N5
CMOs compatible control input bit 0 (LsB) - 5
15
FIN
(These pins are AC coupled and must be DC Blocked externally.)
Frequency Input
Frequency Input Complement
16
NFIN
22, 23
s1, s0
CMOs compatible
Control Input
bit 0 (LsB) -1
HMC698LP5 / 698LP5E
v03.0709
7 GHz INTEGER N SYNTHESIZER
(N = 12 - 259)
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com