Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC4069LP4E Datasheet(PDF) 2 Page - Analog Devices

Part # HMC4069LP4E
Description  2.9 GHz INTEGER-N SYNTHESIZER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC4069LP4E Datasheet(HTML) 2 Page - Analog Devices

  HMC4069LP4E Datasheet HTML 1Page - Analog Devices HMC4069LP4E Datasheet HTML 2Page - Analog Devices HMC4069LP4E Datasheet HTML 3Page - Analog Devices HMC4069LP4E Datasheet HTML 4Page - Analog Devices HMC4069LP4E Datasheet HTML 5Page - Analog Devices HMC4069LP4E Datasheet HTML 6Page - Analog Devices HMC4069LP4E Datasheet HTML 7Page - Analog Devices HMC4069LP4E Datasheet HTML 8Page - Analog Devices HMC4069LP4E Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
HMC4069LP4E
v02.0316
2.9 GHz INTEGER-N SYNTHESIZER
(N = 2 - 32)
For price, delivery, and to place orders: Analog Devices, Inc., One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
Parameter
Conditions
Min.
Typ.
Max.
Units
REF Input Frequency
Min must be Square Wave
Max can be Sine or Square Wave
10
100
1300
MHz
VCO Input Frequency
10
2900
Input Power Range
-10
5
+5
dBm
Programmable Division Ratios (A0 - A4)
2
32
Output Voltage Swing (NU / ND)
Driving High-Z Load / Op-Amp
2
Vp-p
PFD Gain
Gain = Vpp / 2Π Rad
0.32
V / Rad
SSB Phase Noise [1]
@ 10kHz Offset
with 100 MHz REF / VCO @ +5 dBm
-151
dBc/Hz
Logic Input Voltages
(INV, A0 - A4)
CMOS / TTL Logic Low
CMOS / TTL Logic High
0.0
1.8
1.1
5.0
V
Lock Detect Output Voltage
Filtering & 1kΩ Pull-Up Required
CMOS / TTL Logic Low = Unlocked
MOS / TTL Logic High = Locked
0.0
2.7
0.5
5.0
V
Lock Detect Sink Current
5
mA
Supply Voltage (Vcc)
4.75
5.00
5.25
V
Supply Current (Icc)
Vcc = 5.0V
295
mA
Test Port Output Voltage (FOUT / NFOUT)
Driving High-Z Load Only
300
mVp-p
Temperature Range
-40
+85
°C
[1] Square wave input achieves best phase noise at lower REF/VCO frequencies (see comparison plots on preceding page)
Electrical Specifications, T
A = +25° C, Vcc = 5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com