Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3118 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP3118
Description  HIGH-PERFORMANCE MULTI-MODE PWM CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3118 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP3118 Datasheet HTML 9Page - Diodes Incorporated AP3118 Datasheet HTML 10Page - Diodes Incorporated AP3118 Datasheet HTML 11Page - Diodes Incorporated AP3118 Datasheet HTML 12Page - Diodes Incorporated AP3118 Datasheet HTML 13Page - Diodes Incorporated AP3118 Datasheet HTML 14Page - Diodes Incorporated AP3118 Datasheet HTML 15Page - Diodes Incorporated AP3118 Datasheet HTML 16Page - Diodes Incorporated AP3118 Datasheet HTML 17Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
AP3118
Document number: DS39915 Rev. 5 - 2
13 of 17
www.diodes.com
July 2018
© Diodes Incorporated
AP3118
Operation Principle Description (Cont.)
Built-In Slope Compensation
It is well known that a continuous current mode SMPS may become unstable when the duty cycle exceeds 50%. The built-in slope compensation
in the AP3118 can keep the system stable.
Built-In VCC LDO
The AP3118 integrates a VCC LDO circuitry, the LDO regulates the wide range VCC_IN which is rectified from auxiliary winding to an acceptable
value. It makes the AP3118 a good choice in wide range output voltage application.
Brown In/Out Protection
To avoid potential high-current stress at low line voltage, the AP3118 introduces a reliable brownout protection. The AC line voltage is detected
through HV Pin, A pair of high-voltage diodes are connected to the AC line which will rectify the AC input voltage to a double-frequency positive
voltage referring to GND, a 20k
Ω resistor is recommended to be added to improve the surge immunity. When the voltage across HV pin is higher
than VBR-IN for about 100µs of tBR-IN and VCC reaches VST, the GATE pin will output drive signals and the system starts to work. If the HV pin
voltage falls below VBR-OUT and lasts for 50ms of tBR-OUT, the GATE pin will turn off and the system will shut down until the line voltage rises over
its brown-in voltage again.
SOVP/SUVP Protection
The AP3118 provides output OVP and UVP protection function. The auxiliary winding voltage during secondary rectifier conducting period reflects
the output voltage. A voltage divide network is connected to the auxiliary winding and DEM Pin, the DEM Pin will detect the equivalent output
voltage with a delay of tSAMPLE from the falling edge of GATE driver signal, as shown in Figure 8. The detected voltage will be compared to the
SOVP and SUVP threshold voltage VTH-SOVP and VTH-SUVP. If the SOVP or SUVP threshold is reached continuously by 7 switching cycles, the
SOVP or SUVP protection will be triggered, the AP3118 will shut down and the system will restart when the VCC voltage falls below the UVLO
voltage.
To prevent from false-trigger of SUVP during start up process, a blank time of tBLANK-SUVP is set during which the SUVP protection function is
ignored.
Two levels of OCP Control
The AP3118 sets two levels OCP protection thresholds to distinguish overload protection and short circuit protection. When overload condition
occurs (
), the internal timer begins to operate. After 120ms, IC enters into protection status. For short circuit protection
(FB>4.2V), the internal timer is set to 30ms.
Externally Triggered Protection
The AP3118 reserves flexible protection mode for power design. The CTRL Pin can achieve external programmable protection. A high threshold
of VTH-CTRL-H is set for any over voltage protection, if the CTRL Pin voltage is higher than the threshold for 7 switching cycles, the CTRL-High
protection will be triggered. A low threshold of VTH-CTRL-L is usually used for external over temperature protection. To realize the external OTP, a
proper value NTC should be connected from the CTRL Pin to the ground. An inner current of 100µA flows through the NTC from the CTRL pin. If
the CTRL Pin voltage is lower than the VTH-CTRL-L for 32ms duration at least, the CTRL-Low protection will be triggered. Whenever the
protection is triggered, the system will stop the output drive signal and will restart after the VCC voltage falling below the UVLO voltage.
System Protection
LOVP, FOCP, SSCP, VCC OVP, OTP
The AP3118 provides versatile protection to ensure the reliability of the power system. LOVP achieves line voltage overvoltage protection, if the
detected AC line voltage is higher than VLOVP for 7 switching cycles, the LOVP protection will be triggered. FOCP protection is an ultra-fast short-
current protection which is helpful to avoid catastrophic damage of the system when the secondary rectifier is short. The primary peak current will
be monitored by SENSE pin through a primary sense resistor, whenever the sampled voltage reaches the threshold of VTH-FOCP for 7 switching
cycles continuously, the FOCP protection will be active to shut down the switching pulse. SSCP might be triggered at ultra-low line voltage
condition or other failure condition that short the SENSE pin to ground. The SSCP module senses the voltage across the primary sense resistor
with a delay of 4µs after the rising edge of primary GATE signal, this sensed signal is compared with VTH-SSCP. If it is lower than VTH-SSCP for 7
switching cycles, the SSCP protection will be triggered and the drive signal will be disabled. All these protections described above will restart the
system when the VCC voltage falls below UVLO. Although the external OTP can be easily implemented through CTRL pin, the AP3118 still
reserves the inner OTP with a hysteresis for any necessary use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com