Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3127 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP3127
Description  GREEN MODE PWM CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3127 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP3127 Datasheet HTML 1Page - Diodes Incorporated AP3127 Datasheet HTML 2Page - Diodes Incorporated AP3127 Datasheet HTML 3Page - Diodes Incorporated AP3127 Datasheet HTML 4Page - Diodes Incorporated AP3127 Datasheet HTML 5Page - Diodes Incorporated AP3127 Datasheet HTML 6Page - Diodes Incorporated AP3127 Datasheet HTML 7Page - Diodes Incorporated AP3127 Datasheet HTML 8Page - Diodes Incorporated AP3127 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AP3127/H
Document number: DS37920 Rev. 2 - 2
4 of 13
www.diodes.com
September 2015
© Diodes Incorporated
AP3127/H
Absolute Maximum Ratings (Note 4)
Symbol
Parameter
Rating
Unit
VCC
Power Supply Voltage
33
V
IO
Gate Output Current
350
mA
VFB, VSENSE, VSOVP/UVP
Input Voltage to FB, SENSE,SOVP/UVP
-0.3 to 7
V
θJA
Thermal Resistance (Junction to Ambient)
250
°C/W
PD
Power Dissipation at TA < +25°C
500
mW
TJ
Operating Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature Range
+150
°C
–
ESD (Human Body Model)
3000
V
–
ESD (Machine Model)
300
V
Note 4:
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
10
28
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com