Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3783R Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP3783R
Description  PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3783R Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP3783R Datasheet HTML 9Page - Diodes Incorporated AP3783R Datasheet HTML 10Page - Diodes Incorporated AP3783R Datasheet HTML 11Page - Diodes Incorporated AP3783R Datasheet HTML 12Page - Diodes Incorporated AP3783R Datasheet HTML 13Page - Diodes Incorporated AP3783R Datasheet HTML 14Page - Diodes Incorporated AP3783R Datasheet HTML 15Page - Diodes Incorporated AP3783R Datasheet HTML 16Page - Diodes Incorporated AP3783R Datasheet HTML 17Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
AP3783R
Document number: DS37448 Rev. 6 - 2
13 of 17
www.diodes.com
March 2016
© Diodes Incorporated
AP3783R
Operation Principle Description (Cont.)
Figure 6 is the AP3783R normal start-up waveform that the voltage of FB pin is above VFB(SCP) during tSCP after VCC gets to the VTH_ST, which
doesn
’t enter the SCP mode. As shown in Figure 7, V
OUT is short and the voltage of FB pin is lower than V
FB(SCP) during tSCP, the AP3783R
triggers the SCP and enter the hiccup mode.
VTH_ST
VFB(SCP)
tSCP
VCC
VFB
VOUT
VOUT(SCP)
5V
Figure 6. Normal Start-up
VTH_ST
VOPR(MIN)
VFB(SCP)
tSCP
VCC
VFB
VOUT
0V
Figure 7. Short Circuit Protection (SCP) and Hiccup Mode
OVP
The AP3783R includes output over-voltage protection (OVP). If the voltage at FB pin exceeds VFB(OVP), the AP3783R immediately shuts down
and keeps the internal circuitry enabled to discharge the VCC capacitor to the UVLO turn-off threshold. After that, the device returns to the start
state and a start-up sequence ensues.
OTP
If the junction temperature reaches the threshold of +140
⁰C, AP3783R shuts down immediately. Before VCC voltage decreases to UVLO, if the
junction temperature decreases to +100
⁰C, AP3783R can recover to normal operation. If not, the power system enters restart Hiccup mode until
the junction temperature decreases below +100
⁰C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com