Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8610 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PAM8610
Description  10W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8610 Datasheet(HTML) 2 Page - Diodes Incorporated

  PAM8610 Datasheet HTML 1Page - Diodes Incorporated PAM8610 Datasheet HTML 2Page - Diodes Incorporated PAM8610 Datasheet HTML 3Page - Diodes Incorporated PAM8610 Datasheet HTML 4Page - Diodes Incorporated PAM8610 Datasheet HTML 5Page - Diodes Incorporated PAM8610 Datasheet HTML 6Page - Diodes Incorporated PAM8610 Datasheet HTML 7Page - Diodes Incorporated PAM8610 Datasheet HTML 8Page - Diodes Incorporated PAM8610 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
PAM8610
Document number: DSxxxxx Rev. 1 - 2
2 of 15
www.diodes.com
June 2013
© Diodes Incorporated
PAM8610
A Product Line of
Diodes Incorporated
Pin Descriptions
Pin Number
Pin Name
Function
1
RINN
Negative differential audio input for right channel.
2
RINP
Positive differential audio input for right channel.
3
AVDD
5V Analog VDD
4
VREF
Analog reference for gain control section.
5
VOLUME
DC voltage that sets the gain of the amplifier.
6
REF GND
Ground for gain control circuitry. Connect to AGND. If using a DAC to control the
volume, connect the DAC ground to this terminal.
7
AGND1
Analog GND
8
FADE
Input for controlling volume ramp rate when cycling SD or during power-up. A
logic low on this pin places the amplifier in fade mode. A logic high on this pin
allows a quick transition to the desired volume setting.
9
LINP
Positive differential audio input for left channel.
10
LINN
Negative differential audio input for left channel.
11, 20
PGNDL
Power ground for left channel H-bridge.
12, 19
PVCCL
Power supply for left channel H-bridge, not connected to PVCCR or AVCC.
13, 14
LOUTN
Class-D 1/2-H-bridge negative output for left channel.
15
BSLN
Bootstrap I/O for left channel, negative high-side FET.
16
BSLP
Bootstrap I/O for left channel, positive high-side FET.
17, 18
LO UTP
Class-D 1/2-H-bridge positive output for left channel.
21
VCLAMPL
Internally generated voltage supply for left channel bootstrap capacitors.
22
CO SC
I/O for charge/discharging currents onto capacitor for ramp generator triangle
wave biased at V2P5.
23
RO SC
Current setting resistor for ramp generator. Nominally equal to 1/8*VCC.
24, 28
AGND
Analog GND
25
MUTE
A logic high on this pin disables the outputs and a logic low enables the outputs.
26
AVCC
High-voltage analog power supply (7V to 15V)
27
V2P5
2.5V Reference for analog cells, as well as reference for unused audio input
when using single-ended inputs.
29
SD
Shutdown signal for IC (low = shutdown, high = operational). TTL logic levels with
compliance to VCC.
30
VCLAMPR
Internally generated voltage supply for right channel bootstrap capacitors.
31, 40
PGNDR
Power ground for right channel H-bridge.
32, 39
PVCCR
Power supply for right channel H-bridge, not connected to PVCCL or AVCC.
33, 34
ROUTP
Class-D 1/2-H-bridge positive output for right channel.
35
BSRP
Bootstrap I/O for right channel, positive high-side FET.
36
BSRN
Bootstrap I/O for right channel, negative high-side FET.
37, 38
ROUTN
Class-D 1/2-H-bridge negative output for right channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com