Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8901 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # PAM8901
Description  25mW TRUE CAP FREE STEREO HEADPHONE AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8901 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button PAM8901 Datasheet HTML 5Page - Diodes Incorporated PAM8901 Datasheet HTML 6Page - Diodes Incorporated PAM8901 Datasheet HTML 7Page - Diodes Incorporated PAM8901 Datasheet HTML 8Page - Diodes Incorporated PAM8901 Datasheet HTML 9Page - Diodes Incorporated PAM8901 Datasheet HTML 10Page - Diodes Incorporated PAM8901 Datasheet HTML 11Page - Diodes Incorporated PAM8901 Datasheet HTML 12Page - Diodes Incorporated PAM8901 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
PAM8901 / PAM8908
Document number: DS36456 Rev. 2 - 2
12 of 13
www.diodes.com
October 2016
© Diodes Incorporated
PAM8901 / PAM8908
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
U-QFN3030-16 (Type US)
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
U-QFN3030-16 (Type US)
U-QFN3030-16
(Type US)
Dim
Min
Max
Typ
A
0.500 0.600 0.550
A1
0.000 0.050
--
A3
0.152 REF
b
0.200 0.300 0.250
D
2.950 3.050 3.000
D2
1.600 1.700 1.650
e
0.500 BSC
e1
1.500 REF
E
2.950 3.050 3.000
E2
1.600 1.700 1.650
L
0.350 0.450 0.400
All Dimensions in mm
Dimensions Value (in mm)
C
0.500
X
0.350
X1
0.570
X2
1.800
X3
3.300
Y
0.570
Y1
1.800
Y2
3.300
D2
E2
b
A
A3
Pin #1 ID
(Laser Mark)
Seating Plane
A1
D
E
L
e
e1
C
Y
X
X1
X2
Y1
X3
Y2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com