Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8904 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PAM8904
Description  18VPP OUTPUT PIEZO SOUNDER DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8904 Datasheet(HTML) 2 Page - Diodes Incorporated

  PAM8904_17 Datasheet HTML 1Page - Diodes Incorporated PAM8904_17 Datasheet HTML 2Page - Diodes Incorporated PAM8904_17 Datasheet HTML 3Page - Diodes Incorporated PAM8904_17 Datasheet HTML 4Page - Diodes Incorporated PAM8904_17 Datasheet HTML 5Page - Diodes Incorporated PAM8904_17 Datasheet HTML 6Page - Diodes Incorporated PAM8904_17 Datasheet HTML 7Page - Diodes Incorporated PAM8904_17 Datasheet HTML 8Page - Diodes Incorporated PAM8904_17 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PAM8904
Document number: DS37246 Rev. 2 - 2
2 of 9
www.diodes.com
May 2017
© Diodes Incorporated
PAM8904
Typical Applications Circuit
Pin Descriptions
Pin Number
Pin Name
I/O/P
Function
U-QFN3030-16
(Type B)
U-QFN3030-12
(Type A)
1
1
EN1
I
Charge pump mode select 1
2
2
EN2
I
Charge pump mode select 2
3
3
DIN
I
Signal Input
4
—
NC
—
No Connection
5
4
CN1
I
Capacitor 1 Negative Terminal
6
5
GND
P
Ground
7
6
VO2
O
Positive Output
8
—
NC
—
No Connection
9
7
VO1
O
Negative Output
10
8
CN2
I
Capacitor 2 Negative Terminal
11
9
CP1
I
Capacitor 1 Positive Terminal
12
—
NC
—
No Connection
13
10
VOUT
O
Boost Output
14
11
CP2
I
Capacitor 2 Positive Terminal
15
12
VIN
P
Power Supply
16
—
NC
—
No Connection



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com