Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P8908 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # P8908
Description  25mW TRUE CAP FREE STEREO HEADPHONE AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

P8908 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button P8908 Datasheet HTML 5Page - Diodes Incorporated P8908 Datasheet HTML 6Page - Diodes Incorporated P8908 Datasheet HTML 7Page - Diodes Incorporated P8908 Datasheet HTML 8Page - Diodes Incorporated P8908 Datasheet HTML 9Page - Diodes Incorporated P8908 Datasheet HTML 10Page - Diodes Incorporated P8908 Datasheet HTML 11Page - Diodes Incorporated P8908 Datasheet HTML 12Page - Diodes Incorporated P8908 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
PAM8901 / PAM8908
Document number: DS36456 Rev. 2 - 2
11 of 13
www.diodes.com
October 2016
© Diodes Incorporated
PAM8901 / PAM8908
Ordering Information
PAM8901/8 X X X
Package Type
Pin Configuration
Shipping Package
J: U-QFN3030-16
(Type US)
E: 16 pin
R: 7" Tape & Reel
Part Number
Package Type
Standard Package
PAM8901JER
U-QFN3030-16 (Type US)
3000 Units/ Tape & Reel
PAM8908JER
U-QFN3030-16 (Type US)
3000 Units/ Tape & Reel
Marking Information
Top View
U-QFN3030-16
P8901
XXXYW
XXX : Internal Code
Y: Year
W: Weak
Top View
U-QFN3030-16
P8908
XXXYW
XXX : Internal Code
Y: Year
W: Weak
(Top View)
U-QFN3030-16 (Type US)
(Top View)
U-QFN3030-16 (Type US)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com