Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTR2012Z Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXTR2012Z
Description  REGULATOR TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTR2012Z Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXTR2012Z Datasheet HTML 1Page - Diodes Incorporated ZXTR2012Z Datasheet HTML 2Page - Diodes Incorporated ZXTR2012Z Datasheet HTML 3Page - Diodes Incorporated ZXTR2012Z Datasheet HTML 4Page - Diodes Incorporated ZXTR2012Z Datasheet HTML 5Page - Diodes Incorporated ZXTR2012Z Datasheet HTML 6Page - Diodes Incorporated ZXTR2012Z Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ZXTR2012Z
Document number: DS36330 Rev. 2 - 2
3 of 7
www.diodes.com
April 2017
© Diodes Incorporated
ZXTR2012Z
Thermal Characteristics and Derating Information
15 20
30
40
50
60
70
80
90
100
10
100
T
J
= 125°C
= 150°C
Steady state D.C.
T
A
= 25°C
T
J
125°C
15mm x 15mm
1oz Cu
50mm x 50mm
1oz Cu
Safe Operating Area
Input Voltage (V)
100µ 1m
10m 100m
1
10
100
1k
10k
0
10
20
30
40
50
60
50mm x 50mm
1oz Cu
50mm x 50mm
1oz Cu
Transient Thermal Impedance
D=0.5
D=0.2
D=0.1
Single Pulse
D=0.05
Pulse Width (s)
100µ
1m
10m 100m
1
10
100
1k
1
10
50
Single Pulse
T
A
= 25°C
T
J
125°C
Single Pulse
T
A
= 25°C
T
J
125°C
Pulse Power Dissipation
Pulse Width (s)
0
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
2.5
50mm x 50mm
1oz Cu
15mm x 15mm
1oz Cu
Derating Curve
Ambient temperature (°C)
100µ 1m
10m 100m
1
10
100
1k
10k
0
20
40
60
80
100
120
15mm x 15mm
1oz Cu
15mm x 15mm
1oz Cu
Transient Thermal Impedance
D=0.5
D=0.2
D=0.1
Single Pulse
D=0.05
Pulse Width (s)
100µ
1m
10m 100m
1
10
100
1k
0.1
1
10
50
Pulse Power Dissipation
Pulse Width (s)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com