Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBM29PL64LM90 Datasheet(PDF) 39 Page - SPANSION

Part # MBM29PL64LM90
Description  Flash Memory 64 M (8M X 8/4M X 16) BIT
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29PL64LM90 Datasheet(HTML) 39 Page - SPANSION

Back Button MBM29PL64LM90 Datasheet HTML 35Page - SPANSION MBM29PL64LM90 Datasheet HTML 36Page - SPANSION MBM29PL64LM90 Datasheet HTML 37Page - SPANSION MBM29PL64LM90 Datasheet HTML 38Page - SPANSION MBM29PL64LM90 Datasheet HTML 39Page - SPANSION MBM29PL64LM90 Datasheet HTML 40Page - SPANSION MBM29PL64LM90 Datasheet HTML 41Page - SPANSION MBM29PL64LM90 Datasheet HTML 42Page - SPANSION MBM29PL64LM90 Datasheet HTML 43Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 69 page
background image
MBM29PL64LM90/10
38
2.
AC Characteristics
• Read Only Operations Characteristics
* : Test Conditions :
Output Load
: 1 TTL gate and 30 pF
Input rise and fall times : 5 ns
Input pulse levels
: 0.0 V or VCC
Timing measurement reference level
Input
: VCC / 2
Output : VCC / 2
Parameter
Symbols
Condition
Value*
Unit
90
10
JEDEC Standard
Min
Max
Min
Max
Read Cycle Time
tAVAV
tRC
—90
100
ns
Address to Output Delay
tAVQV
tACC
CE = VIL,
OE = VIL
90
100
ns
Chip Enable to Output Delay
tELQV
tCE
OE = VIL
90
100
ns
Page Read Cycle Time
—
tPRC
—25
30
ns
Page Address to Output Delay
—
tPACC
CE = VIL,
OE = VIL
25
30
ns
Output Enable to Output Delay
tGLQV
tOE
—
25
30
ns
Chip Enable to Output High-Z
tEHQZ
tDF
—
25
30
ns
Output Enable
Hold Time
Read
—tOEH
—0
0
ns
Toggle and Data Polling
—
10
10
ns
Output Enable to Output High-Z
tGHQZ
tDF
—
25
30
ns
Output Hold Time From Addresses,
CE or OE, Whichever Occurs First
tAXQX
tOH
—0
0
ns
RESET Pin Low to Read Mode
—
tREADY
—
20
20
µs
Test Conditions
CL
3.3 V
Diode = 1N3064
or Equivalent
2.7 k
Ω
Device
Under
Test
Diode = 1N3064
or Equivalent
6.2 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com