Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBM29PL64LM10PCN Datasheet(PDF) 16 Page - SPANSION

Part # MBM29PL64LM10PCN
Description  Flash Memory 64 M (8M X 8/4M X 16) BIT
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29PL64LM10PCN Datasheet(HTML) 16 Page - SPANSION

Back Button MBM29PL64LM10PCN Datasheet HTML 12Page - SPANSION MBM29PL64LM10PCN Datasheet HTML 13Page - SPANSION MBM29PL64LM10PCN Datasheet HTML 14Page - SPANSION MBM29PL64LM10PCN Datasheet HTML 15Page - SPANSION MBM29PL64LM10PCN Datasheet HTML 16Page - SPANSION MBM29PL64LM10PCN Datasheet HTML 17Page - SPANSION MBM29PL64LM10PCN Datasheet HTML 18Page - SPANSION MBM29PL64LM10PCN Datasheet HTML 19Page - SPANSION MBM29PL64LM10PCN Datasheet HTML 20Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 69 page
background image
MBM29PL64LM90/10
15
(Continued)
Sector
A21 A20 A19 A18 A17 A16
A15
Sector size
(Kbytes/
Kwords)
(
××××8)
Address Range
(
××××16)
Address Range
SA63
0
1
1
1
1
1
1
64/32
3F0000h to 3FFFFFh
1F8000h to 1FFFFFh
SA64
1
0
0
0
0
0
0
64/32
400000h to 40FFFFh
200000h to 207FFFh
SA65
1
0
0
0
0
0
1
64/32
410000h to 41FFFFh
208000h to 20FFFFh
SA66
1
0
0
0
0
1
0
64/32
420000h to 42FFFFh
210000h to 217FFFh
SA67
1
0
0
0
0
1
1
64/32
430000h to 43FFFFh
218000h to 21FFFFh
SA68
1
0
0
0
1
0
0
64/32
440000h to 44FFFFh
220000h to 227FFFh
SA69
1
0
0
0
1
0
1
64/32
450000h to 45FFFFh
228000h to 22FFFFh
SA70
1
0
0
0
1
1
0
64/32
460000h to 46FFFFh
230000h to 237FFFh
SA71
1
0
0
0
1
1
1
64/32
470000h to 47FFFFh
238000h to 23FFFFh
SA72
1
0
0
1
0
0
0
64/32
480000h to 48FFFFh
240000h to 247FFFh
SA73
1
0
0
1
0
0
1
64/32
490000h to 49FFFFh
248000h to 24FFFFh
SA74
1
0
0
1
0
1
0
64/32
4A0000h to 4AFFFFh
250000h to 257FFFh
SA75
1
0
0
1
0
1
1
64/32
4B0000h to 4BFFFFh
258000h to 25FFFFh
SA76
1
0
0
1
1
0
0
64/32
4C0000h to 4CFFFFh
260000h to 267FFFh
SA77
1
0
0
1
1
0
1
64/32
4D0000h to 4DFFFFh
268000h to 26FFFFh
SA78
1
0
0
1
1
1
0
64/32
4E0000h to 4EFFFFh
270000h to 277FFFh
SA79
1
0
0
1
1
1
1
64/32
4F0000h to 4FFFFFh
278000h to 27FFFFh
SA80
1
0
1
0
0
0
0
64/32
500000h to 50FFFFh
280000h to 287FFFh
SA81
1
0
1
0
0
0
1
64/32
510000h to 51FFFFh
288000h to 28FFFFh
SA82
1
0
1
0
0
1
0
64/32
520000h to 52FFFFh
290000h to 297FFFh
SA83
1
0
1
0
0
1
1
64/32
530000h to 53FFFFh
298000h to 29FFFFh
SA84
1
0
1
0
1
0
0
64/32
540000h to 54FFFFh
2A0000h to 2A7FFFh
SA85
1
0
1
0
1
0
1
64/32
550000h to 55FFFFh
2A8000h to 2AFFFFh
SA86
1
0
1
0
1
1
0
64/32
560000h to 56FFFFh
2B0000h to 2B7FFFh
SA87
1
0
1
0
1
1
1
64/32
570000h to 57FFFFh
2B8000h to 2BFFFFh
SA88
1
0
1
1
0
0
0
64/32
580000h to 58FFFFh
2C0000h to 2C7FFFh
SA89
1
0
1
1
0
0
1
64/32
590000h to 59FFFFh
2C8000h to 2CFFFFh
SA90
1
0
1
1
0
1
0
64/32
5A0000h to 5AFFFFh
2D0000h to 2D7FFFh
SA91
1
0
1
1
0
1
1
64/32
5B0000h to 5BFFFFh
2D8000h to 2DFFFFh
SA92
1
0
1
1
1
0
0
64/32
5C0000h to 5CFFFFh
2E0000h to 2EE7FFh
SA93
1
0
1
1
1
0
1
64/32
5D0000h to 5DFFFFh
2E8000h to 2EFFFFh
SA94
1
0
1
1
1
1
0
64/32
5E0000h to 5EFFFFh
2F0000h to 2F7FFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com